Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPF62 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # GPF62
Description  SMD LVPECL output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

GPF62 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  GPF62 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCXO [ Voltage Controlled Crystal Oscillators ]
GPF62 series
3.3 V
SMD LVPECL output
11.4 x 9.6 x 2.5 mm
Mercury www .mercury-crystal.com
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
General Specifications ( Unit : mm )
General Specifications
Paramenters
Electrical Spec.
Input Voltage ( VDD)
3.3 V ± 5 %
Features
Applications
Tri-state function available on pad No. 2.
Frequency Range / Load
38.0 MHz ~ 640,0 MHz
Output Wave Form
LVPECL output
Output Logic High " 1 "
min.
VDD - 1.025 ( RL = 50 Ω to ( VDD - 2.0V )
typical
VDD - 0.950 ( RL = 50 Ω to ( VDD - 2.0V )
max.
VDD - 0.88 ( RL = 50 Ω to ( VDD - 2.0V )
Integrated Phase Noise ( 12 KHz to 20 MHz )
0.4 ps ( typical ) ; 0.5 ps ( max.)
Rise Time ( Tr ) / Fall Time ( Tf )
0.4n sec.( typical ) ; 0.6 n sec. ( max.)
Output Logic Low " 0 "
min.
VDD - 1.810 ( RL = 50 Ω to ( VDD - 2.0V )
typical
VDD - 1.700 ( RL = 50 Ω to ( VDD - 2.0V )
max.
VDD - 1.620 ( RL = 50 Ω to ( VDD - 2.0V )
Initial Freq. Accuracy ( at 25 °C )
To tune to the nomial frequency with Vc = 1.65V ± 0.15V
Frequency Deviation Range
Standard : ± 80 ppm ( min. )
Control Voltage Center / Control Voltage Range
1.65 VDC / 0.3 V to 3.0 V
Start - Up Time (Ts)
10 m sec.( typical )
Storage Temperature
- 50°C to 100°C
Aging
± 3 ppm per year (max.)
Duty Cycle
50% ± 10% [ 50% ± 5% is also available ]
Load
50 Ω into Vcc - 2V or Thevenin equivalent
Current Consumption ( 15 pF load )
38.0 ~ 100.0 MHz
100.1 ~ 320.0 MHz
320.1 ~ 800.0 MHz
65 mA ( max. )
80 mA ( max. )
90 mA ( max. )
AB
C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Frequency Stability
(1) Codes
Frequency Stability over
± 25 ppm ± 50 ppm ± 100 ppm
Industrial ( -40°C to +85°C )
DE
F
-128
-140
-150
" GPF " series: Best performance among the three series. Phase jitter is less than 0.5 ps.
" I20 " ± 20 ppm over -40°C to +85°C
Phase Noise ( typical ) [ 156.250 MHz ]
Offset
10 Hz 100 Hz
1K Hz 10 KHz 100KHz 1 MHz 10 MHz
dBc / Hz
-62
-90
-120
-132
If non-standard , please enter the
Operating Temperature Range
desired stability after the " C " or " I "
Commercial ( -10°C to +70°C )


Similar Part No. - GPF62

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GPF62 EUROQUARTZ-GPF62 Datasheet
104Kb / 1P
   11.4 x 9.6 x 2.5mm SMD VCXO
More results

Similar Description - GPF62

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GPF576 MERCURY-GPF576 Datasheet
125Kb / 1P
   SMD LVPECL output
GPF63 MERCURY-GPF63 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW62 MERCURY-GPW62 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW576 MERCURY-GPW576 Datasheet
124Kb / 1P
   SMD LVPECL output
GPW63 MERCURY-GPW63 Datasheet
122Kb / 1P
   SMD LVPECL output
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
EUROQUARTZ limited
GPQF EUROQUARTZ-GPQF Datasheet
549Kb / 4P
   LVPECL Output
logo
Oscilent Corporation
921 OSCILENT-921 Datasheet
141Kb / 2P
   LVPECL Output
logo
List of Unclassifed Man...
CAEZA5BP22.5792TS ETC2-CAEZA5BP22.5792TS Datasheet
52Kb / 1P
   LVPECL Output
logo
EUROQUARTZ limited
GPQN EUROQUARTZ-GPQN Datasheet
522Kb / 4P
   LVPECL Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com