Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-3020URC Datasheet(PDF) 8 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-3020URC
Description  SMD led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-3020URC Datasheet(HTML) 8 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-3020URC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3020URC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3020URC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3020URC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3020URC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3020URC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3020URC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3020URC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Model. No.
Rev.
Page
8/8
High-brightness LED light may injure human eyes. Avoid looking directly into lighted LED
The appearance and specifications of the product may be modified for improvement without notice.
3. Static Electricity
ESD shoe strap or an anti-electrostatic glove be used when handling the LEDs.
When washing is required, IPA (Isopropyl Alcohol) should be used.
All devices, equipment and machinery must be properly grounded
4. Others
is changed slightly an operating current and thermal.
This device should not be used in any type of fluid such as water, oil, organic solvent and etc
Reverse voltage should not exceed the absolute maximum rating on the data sheet. The colour of the LEDs
must be pre-qualified to avoid damage to the SMD LEDs.
Reflow soldering should not be done more than one time
No stress should be exerted on the package during soldering.
(3) Recommend Soldering pad design(unit=mm)
Duration above 217
℃ is 80 sec. max
preheat time:100seconds.max
ramp-down rate:6
℃/sec.max
Peak temperature:250
Http://www.foryard.com
Model No.
:FYLS-3020URC
Solder=Sn63-Pb37
Average ramp-up rate:4
℃/sec.max
Peak preheat temperature:100-150
preheat time:100seconds.max
ramp-down rate:6
℃/sec.max
Peak temperature:230
Time within 5
℃ of actual peak
temperature=10 sec. max
Average ramp-up rate:4
℃/sec.max
Duration above 183
℃ is 80 sec. max
FYLS-3020URC
A
Time within 5
℃ of actual peak temperature=10 sec.
max
Peak preheat temperature:100-150
Solder= Pb-Free
Static Electricity and surge voltage damage the LEDs. So it is recommended that an ESD wrist band,
The influence of ultrasonic cleaning on the leds depends on factors such as ultrasonic power and the way.
SMD LED should not be modified after soldering. If modification cannot be avoided, the modification


Similar Part No. - FYLS-3020URC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020ULWC FORYARD-FYLS-3020ULWC Datasheet
496Kb / 8P
   SMD led lamp
FYLS-3020UWC FORYARD-FYLS-3020UWC Datasheet
465Kb / 8P
   SMD led lamp
FYLS-3020UWWC FORYARD-FYLS-3020UWWC Datasheet
496Kb / 8P
   SMD led lamp
FYLS-3020UYC FORYARD-FYLS-3020UYC Datasheet
527Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-3020URC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com