Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-0402UGC Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0402UGC
Description  SMD led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0402UGC Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0402UGC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0402UGC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0402UGC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0402UGC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0402UGC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0402UGC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0402UGC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0402UGC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Model. No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/8
APPROVED BY
Applications:
■Light Strips
■LCD Backlight
■Decorative lighting
PREPARED BY
■Interior automotive
■Illuminations
■Mobile Phones
PRODUCT SPECIFICATION
Model No.
:FYLS-0402UGC
CUSTOMER APPROVED
SIGNATURES
■SMD Type
■Size (mm):1.0*0.5*0.35
CHECKED BY
FYLS-0402UGC
A
Features:
■Indicators
■RoHS Compliant
■SMT package
■Suitable for all SMT assembly and soldering method
Http://www.foryard.com
■Pb-free Reflow soldering application
■Emitting Color:Yellow Green
NEW


Similar Part No. - FYLS-0402UGC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-0402UAC FORYARD-FYLS-0402UAC Datasheet
507Kb / 8P
   SMD led lamp
FYLS-0402UBC FORYARD-FYLS-0402UBC Datasheet
507Kb / 8P
   SMD led lamp
FYLS-0402URC FORYARD-FYLS-0402URC Datasheet
503Kb / 8P
   SMD led lamp
FYLS-0402UWC FORYARD-FYLS-0402UWC Datasheet
500Kb / 8P
   SMD led lamp
FYLS-0402UYC FORYARD-FYLS-0402UYC Datasheet
507Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-0402UGC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com