Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL2203S Datasheet(PDF) 3 Page - International Rectifier

Part # IRL2203S
Description  Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL2203S Datasheet(HTML) 3 Page - International Rectifier

  IRL2203S Datasheet HTML 1Page - International Rectifier IRL2203S Datasheet HTML 2Page - International Rectifier IRL2203S Datasheet HTML 3Page - International Rectifier IRL2203S Datasheet HTML 4Page - International Rectifier IRL2203S Datasheet HTML 5Page - International Rectifier IRL2203S Datasheet HTML 6Page - International Rectifier IRL2203S Datasheet HTML 7Page - International Rectifier IRL2203S Datasheet HTML 8Page - International Rectifier IRL2203S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRL2203S
Fig 1. Typical Output Characteristics,
TJ = 25oC
Fig 2. Typical Output Characteristics,
TJ = 175
oC
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 3. Typical Transfer Characteristics
1
10
100
1000
0.1
1
10
100
V
, Drain-to -S ource Vo ltage (V )
DS
A
20µs PU LSE W ID TH
T
= 2 5°C
J
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM
2.5V
2.5 V
1
10
100
1000
0.1
1
10
100
V
, Drain-to -S ource Vo ltage (V )
DS
A
20µs PU LSE W ID TH
T
= 175°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM
2.5V
2.5V
J
1
10
100
1000
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
T = 25°C
J
GS
V
, Ga te -to-S o urce V oltage (V )
T = 175°C
J
A
V
= 1 5 V
20µs P U LSE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Junctio n Te m p era ture (°C )
V
= 10V
GS
A
I
= 100 A
D


Similar Part No. - IRL2203S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL2203 IRF-IRL2203 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
logo
Inchange Semiconductor ...
IRL2203N ISC-IRL2203N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL2203NL IRF-IRL2203NL Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
231Kb / 11P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRL2203S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com