Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPM32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM32
Description  Taking care of every milliwatt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 1 Page - STMicroelectronics

  STPM32 Datasheet HTML 1Page - STMicroelectronics STPM32 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.st.com/stpm3metering
STPM32, STPM33, STPM34
Taking care of every milliwatt
STPM32, STPM33, STPM34 are high
accuracy AFE (Analog Front End)
for DC and AC energy
measurement, offering high
accuracy down to extremely
low current typical of home
appliances in stand-by.
A full set of on-board features
provides high system integration
and enable on-chip power-
quality monitoring, reducing
smart-meter cost of ownership,
and contributing to a fast and
easy design to dramatically
reduce manufacturing time and
cost.
INTEGRATION
Upto4independent24bits∑ΔADC
withPGA
IntegratedDSPfor“turn-key”energy
parameterscalculations
Built-intwinindependentlytemperature
compensatedvoltagereferences
DoubleLEDoutputprogrammable
foractiveandreactiveenergypulses
generation
KEY APPLICATIONS
Single,splitandpoly-phaseenergymeters
uptoclass0.2accuracy
Smartplugsandappliances
Industrialinstruments
Servers,lightingandsmartpower
monitoringsystems
Smart metering ICs keep electricity bill consistency with high accuracy
even down to extremely low current levels
KEY FEATURES
HIGH ACCURACY
ApplicabletoClass0.2meters
<0.1%activepoweraccuracyovera
dynamicrangeof5000:1
4kHzBandwidth
Singlepointcalibration
FLEXIBILITY
ACandDCcomponentsmeasurement
Multiplesensorssupport:Shunt,current
transformer,Rogowskycoils
Multiplehostinterfaces5and3wiresSPI,
UART
I,Vbitstreamavailabletohostcontroller
forcustomerownprocessing
SECURITY AND COMPLIANCY
CaseremovalandNeutralAnti-tamper
detection
Exceeds50-60HzEN50470-x,IEC
62053-2x,ANSI12.2x


Similar Part No. - STPM32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM32 STMICROELECTRONICS-STPM32 Datasheet
3Mb / 121P
   ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
December 2018
STPM32TR STMICROELECTRONICS-STPM32TR Datasheet
3Mb / 121P
   ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
December 2018
STPM32 STMICROELECTRONICS-STPM32_V01 Datasheet
3Mb / 121P
   ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
December 2018
More results

Similar Description - STPM32

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-W152-WF0E ADVANTECH-POC-W152-WF0E Datasheet
536Kb / 2P
   15.6 Widescreen Point-of-Care Terminal
POC-W152-BT0E ADVANTECH-POC-W152-BT0E Datasheet
536Kb / 2P
   15.6 Widescreen Point-of-Care Terminal
logo
Fairchild Semiconductor
AN-817 FAIRCHILD-AN-817 Datasheet
120Kb / 10P
   Taking Advantage of ECL Minimum-Skew Clock Drivers
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Infineon Technologies A...
6ED003L06-F2 INFINEON-6ED003L06-F2 Datasheet
749Kb / 20P
   Signal interlocking of every phase to prevent cross-conduction
Revision 2.7 15.04.2015
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Advantech Co., Ltd.
POC-S177-120-ATE ADVANTECH-POC-S177-120-ATE Datasheet
513Kb / 2P
   Slim Point of Care Terminal with GS45 platform
POC-125 ADVANTECH-POC-125 Datasheet
652Kb / 2P
   12 Point-of-Care Terminal with Fanless Design
POC-W213L ADVANTECH-POC-W213L Datasheet
1Mb / 2P
   21" Clinical Grade Widescreen Point-of-Care Terminal
17-Mar-2020
logo
New Jersey Semi-Conduct...
1N5985 NJSEMI-1N5985 Datasheet
154Kb / 1P
   500 MILLIWATT GLASS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com