Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNA9160 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHNA9160
Description  TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA9160 Datasheet(HTML) 1 Page - International Rectifier

  IRHNA9160 Datasheet HTML 1Page - International Rectifier IRHNA9160 Datasheet HTML 2Page - International Rectifier IRHNA9160 Datasheet HTML 3Page - International Rectifier IRHNA9160 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHNA9160
-100V
0.087
-38A
Features:
s
Radiation Hardened up to 1 x 105 Rads (Si)
s
Single Event Burnout (SEB) Hardened
s
Single Event Gate Rupture (SEGR) Hardened
s
Gamma Dot (Flash X-Ray) Hardened
s
Neutron Tolerant
s
Identical Pre- and Post-ElectricalTest Conditions
s
Repetitive Avalanche Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Surface Mount
s
Lightweight
Absolute Maximum Ratings
Parameter
IRHNA9160
Units
ID @ VGS = -12V, TC = 25
oC
Continuous Drain Current
-38
ID @ VGS = -12V, TC = 100
oC Continuous Drain Current
-24
IDM
Pulsed Drain Current Œ
-152
PD @ TC = 25
oC
Max. Power Dissipation
300
W
Linear Derating Factor
2.4
W/K
VGS
Gate-to-SourceVoltage
±20
V
EAS
Single Pulse Avalanche Energy 
500
mJ
IAR
Avalanche CurrentŒ
-38
A
EAR
Repetitive Avalanche Energy Œ
30
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
-5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
StorageTemperature Range
Package Mounting Surface Temperature
300 (for 5 sec.)
Weight
3.3 (typical)
g
P-CHANNEL
RAD HARD
Provisional Data Sheet No. PD-9.1433
Pre-Radiation
-100Volt, 0.087
Ω, RAD HARD HEXFET
International Rectifier’s P-Channel RAD HARD technology
HEXFETs demonstrate excellent threshold voltage stability
and breakdown voltage stability at total radiation doses as
high as 105 rads (Si). Under identical pre- and post-radiation
test conditions, International Rectifier’s P-Channel RAD
HARD HEXFETs retain identical electrical specifications
up to 1 x 105 Rads (Si) total dose. No compensation in gate
drive circuitry is required. These devices are also capable of
surviving transient ionization pulses as high as 1 x 1012 Rads
(Si)/Sec, and return to normal operation within a few micro-
seconds. Single Event Effect (SEE) testing of International
Rectifier’s P-Channel RAD HARD HEXFETs has demon-
strated virtual immunity to SEE failure. Since the RAD HARD
process utilizes International Rectifier’s patented HEXFET
technology, the user can expect the highest quality and reli-
ability in the industry.
P- Channel RAD HARD HEXFET transistors also feature all
of the well-established advantages of MOSFETs, such as
voltage control, very fast switching, ease of paralleling and
temperature stability of the electrical parameters. They are
well-suited for applications such as switching power sup-
plies, motor controls, inverters, choppers, audio amplifiers
and high-energy pulse circuits in space and weapons envi-
ronments.
o C
A
IRHNA9160
REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET® TRANSISTOR
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHNA9160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA9160 IRF-IRHNA9160 Datasheet
130Kb / 8P
   Simple Drive Requirements
IRHNA9160 IRF-IRHNA9160_15 Datasheet
130Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNA9160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM9160 IRF-IRHM9160 Datasheet
134Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-35*A)
IRHM7264SE IRF-IRHM7264SE Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=250V, Rds(on)=0.087ohm, Id=35A*)
JANTX2N6764 IRF-JANTX2N6764 Datasheet
254Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.055ohm, Id=38A)
IRHN9150 IRF-IRHN9150 Datasheet
112Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.120ohm, Id=-22A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRFN3710 IRF-IRFN3710 Datasheet
132Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com