Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2525 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2525
Description  2 18 GHz Low Noise Amplifier with AGC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2525 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2525 Datasheet HTML 1Page - TriQuint Semiconductor TGA2525 Datasheet HTML 2Page - TriQuint Semiconductor TGA2525 Datasheet HTML 3Page - TriQuint Semiconductor TGA2525 Datasheet HTML 4Page - TriQuint Semiconductor TGA2525 Datasheet HTML 5Page - TriQuint Semiconductor TGA2525 Datasheet HTML 6Page - TriQuint Semiconductor TGA2525 Datasheet HTML 7Page - TriQuint Semiconductor TGA2525 Datasheet HTML 8Page - TriQuint Semiconductor TGA2525 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
2
TGA2525
October 2008 © Rev D
Table II
Recommended Operating Conditions
Table I
Absolute Maximum Ratings 1/
2/
22 dBm
Input Continuous Wave Power
Pin
3/
-24 to 24 mA
-24 to 24 mA
Gate #1 Current Range
Gate #2 Current Range
Ig1
Ig2
2/
144 mA
Drain Current
Id
-2 to 0 V
-2 to +3 V
Gate #1 Voltage Range
Gate #2 Voltage Range
Vg1
Vg2
2/
7 V
Drain Voltage
Vd
10 V
Drain to Gate Voltage
Vd-Vg
Notes
Value
Parameter
Symbol
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and / or affect
device lifetime. These are stress ratings only, and functional operation of the device at these
conditions is not implied.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed the
maximum power dissipation listed in Table IV.
3/
ESD protection diodes on both Vg1 and Vg2 will conduct current for voltages approaching turn-on
voltages. Diode turn-on voltage levels will decrease with decreasing temperature.
-0.6 V
1.3 V
Gate #1 Voltage
Gate #2 Voltage
Vg1
Vg2
130 mA
Drain Current under RF Drive
Id_Drive
75 mA
Drain Current
Id
5 V
Drain Voltage
Vd
Value
Parameter 1/
Symbol
1/
See assembly diagram for bias instructions.


Similar Part No. - TGA2525

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2525 QORVO-TGA2525 Datasheet
584Kb / 13P
   2-18 GHz Low Noise Amplifier with AGC
More results

Similar Description - TGA2525

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2525 QORVO-TGA2525 Datasheet
584Kb / 13P
   2-18 GHz Low Noise Amplifier with AGC
TGA2526 QORVO-TGA2526 Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
logo
TriQuint Semiconductor
TGA2526 TRIQUINT-TGA2526_15 Datasheet
330Kb / 13P
   2 20 GHz Low Noise Amplifier with AGC
logo
Analog Devices
ADH463S AD-ADH463S Datasheet
303Kb / 7P
   2 to 20 GHz Low Noise AGC Amplifier
Rev. A
logo
Teledyne Technologies I...
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
TLA-18-2003 TELEDYNE-TLA-18-2003 Datasheet
893Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
   2 - 18 GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PE1524 PASTERNACK-PE1524 Datasheet
400Kb / 2P
   Low Noise Amplifier 2 ??18 GHz
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC_15 Datasheet
500Kb / 11P
   2 - 18 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com