Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4233 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4233
Description  The purpose of this document is to provide a methodology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4233 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4233 Datasheet HTML 1Page - STMicroelectronics AN4233 Datasheet HTML 2Page - STMicroelectronics AN4233 Datasheet HTML 3Page - STMicroelectronics AN4233 Datasheet HTML 4Page - STMicroelectronics AN4233 Datasheet HTML 5Page - STMicroelectronics AN4233 Datasheet HTML 6Page - STMicroelectronics AN4233 Datasheet HTML 7Page - STMicroelectronics AN4233 Datasheet HTML 8Page - STMicroelectronics AN4233 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN4233
Description
Doc ID 024143 Rev 1
3/12
1
Description
As mentioned, this test methodology allows measuring with high accuracy Rth j-a of the
Sound Terminal® amplifier when it is assembled in a PCB.
To perform the test it is not necessary to modify the hardware in the final application
although some registers must be configured in order to have the appropriate setup of the
device.
Setting the registers to have ternary modulation and with no input signal (or amplitude
< –60 dBFs), each output of the power stage will be set to GND. Connecting the output to a
positive source and with a resistor connected in series to limit the current, it is possible to
sink a DC current from the output. A reliable and cheap method to measure the output
current is to convert the current to voltage using a high-precision sense resistor (for instance
0.1
Ω) connected in series to each output. Using a voltmeter it is possible to also measure
the voltage level on the output of each bridge and this information, along with the current
level, allows calculating with high accurancy the RDSon of each power output (only for the
low-side portion of the output bridge).
1.1
Equipment needed and HW and SW configuration
To perform the measurement, the equipment and the settings are summarized as follows:
Register setting: the device must be set to have TERNARY modulation scheme.
Output loads: four dummy resistors must be connected to each bridge output and
connected to a positive supply voltage (Vdd or Vcc).
Input signal: it must be null or < –60 dBFs.
High precision resistor (Rsense): four sense resistors with very low resistive value (for
instance 0.1
Ω) must be connected in series between each output and the load. These
will be used to read the current (Iout = VRsense/Rsense)
Current meter (DC): a current meter must be inserted in series to each supply
sources; specifically Vdd (+3.3 V) and Vcc must be monitored. The series resistance of
this equipment must be very low to avoid adding any unwanted voltage drop.
Voltmeters (DC): a voltmeter will be used to measure both Vdd and Vcc after the
current meter and to measure the voltage across each sense resistor. The accuracy of
this equipment must be precise enough to measure the low voltage levels present
across each sense resistor. This equipment will be used to measure VRsense and Vout.
Thermal camera: a thermal camera must be used to measure the device temperature.
Care must be taken to avoid any possible mistake during the temperature
measurement; it is mandatory to define the right emission coefficient and to avoid
reflection from the device package (special paint could be used or a small portion of
non-reflective tape could be applied on top of the case). It is mandatory to use a
thermal camera with a resolution high enough to discriminate the surface of the device.
It is not recommended to use an IR thermometer because with this tool it is not
possible to measure with sufficient precision the device due to the optical angle and
also the position of the beam.
From the description above it is clear that all the measurements have been performed in the
DC domain. This aspect is very important because whatever parasitic effects due to the
PWM switching signal will be cancelled as well as the losses in the snubber networks,


Similar Part No. - AN4233

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4230 STMICROELECTRONICS-AN4230 Datasheet
705Kb / 24P
   Many standards have created requirements and references for the construction
AN4231 STMICROELECTRONICS-AN4231 Datasheet
978Kb / 22P
   Standby mode exit from FLASH to RAM configuration settings
AN4232 STMICROELECTRONICS-AN4232 Datasheet
458Kb / 17P
   Getting started with analog comparators for STM32F3 series
More results

Similar Description - AN4233

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
PM0237 STMICROELECTRONICS-PM0237 Datasheet
1Mb / 88P
   The main purpose of this document is to provide a developer
AN3984 STMICROELECTRONICS-AN3984 Datasheet
499Kb / 46P
   The purpose of this document is to provide a tool to calculate
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
   The purpose of this document is to describe
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
   The purpose of this document is to describe
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
AN4506 STMICROELECTRONICS-AN4506 Datasheet
1Mb / 47P
   This document is intended to provide information
AN3393 STMICROELECTRONICS-AN3393 Datasheet
2Mb / 103P
   This document is intended to provide information
AN3288 STMICROELECTRONICS-AN3288 Datasheet
1Mb / 27P
   The purpose of this application note is to provide an accurate description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com