Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2507-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2507-SM
Description  Ku-Band 3-Stage Driver Packaged Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2507-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2507-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
1
April 2013 © Rev C
-40
-30
-20
-10
0
10
20
30
11
12
13
14
15
16
17
18
19
Frequency (GHz)
Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM
Key Features
11-17 GHz Bandwidth
25 dB Nominal Gain
17 dBm Norminal P1dB
Bias: 5 - 7 V, 75 mA Self Bias
PHEMT Technology
Package Dimensions:
4.0 x 4.0 x 0.9 mm
(0.157 x 0.157 x 0.035 in)
Primary Applications
Point to Point Radio
Military Ku-Band
Ku-Band Space
VSAT
Lead-Free & RoHS compliant
Demo boards are available.
Measured Data
Bias Conditions: Vd = 6 V, Id = 75 mA Self Bias
GAIN
IRL
ORL
13
14
15
16
17
18
19
20
21
22
11
12
13
14
15
16
17
18
Frequency (GHz)
P1dB
Psat
Top View
Bottom View
Datasheet subject to change without notice.


Similar Part No. - TGA2507-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
More results

Similar Description - TGA2507-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507 TRIQUINT-TGA2507_15 Datasheet
298Kb / 10P
   12 18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2508-SM TRIQUINT-TGA2508-SM_15 Datasheet
386Kb / 9P
   Ku-Band VSAT Packaged Amplifier
TGA8658-SG TRIQUINT-TGA8658-SG_15 Datasheet
215Kb / 9P
   Ku Band 2W Packaged Amplifier
TGA2508-EPU-SM TRIQUINT-TGA2508-EPU-SM Datasheet
142Kb / 10P
   Ku-Band VSAT Packaged Amplifier
TGA8658-EPU-SG TRIQUINT-TGA8658-EPU-SG Datasheet
106Kb / 8P
   Ku Band 2W Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com