Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2507-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2507-SM
Description  Ku-Band 3-Stage Driver Packaged Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2507-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2507-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2507-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
8
April 2013 © Rev C
Package Pinout Diagram
TGA2507-SM
Pin
Description
1NC
2
RF Input
3, 4
NC
5Vd
6, 7
NC
8RF Output
9 -12
NC
13
GND
Top Side
Dot indicates Pin 1
Bottom Side
13
4
10
TGA
2507-SM
12
11
1
2
3
9
8
5
7
6


Similar Part No. - TGA2507-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
More results

Similar Description - TGA2507-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507 TRIQUINT-TGA2507_15 Datasheet
298Kb / 10P
   12 18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2508-SM TRIQUINT-TGA2508-SM_15 Datasheet
386Kb / 9P
   Ku-Band VSAT Packaged Amplifier
TGA8658-SG TRIQUINT-TGA8658-SG_15 Datasheet
215Kb / 9P
   Ku Band 2W Packaged Amplifier
TGA2508-EPU-SM TRIQUINT-TGA2508-EPU-SM Datasheet
142Kb / 10P
   Ku-Band VSAT Packaged Amplifier
TGA8658-EPU-SG TRIQUINT-TGA8658-EPU-SG Datasheet
106Kb / 8P
   Ku Band 2W Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com