Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2237-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2237-SM
Description  0.03 2.5GHz 10W GaN Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2237-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2237-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2237-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TGA2237-SM
0.03
– 2.5GHz 10W GaN Power Amplifier
Preliminary Datasheet: Rev - 06-03-14
- 1 of 18 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
QFN 5x5 mm 32L
Pad Configuration
Pad No.
Symbol
1-2, 4, 6, 8-9, 16-17,19, 21, 23-25, 32
GND
3, 7, 10-15, 18, 22, 27-31
NC
5
RF IN
20
RF OUT,
DRAIN
26
GATE
Applications
 Commercial and military radar
 Communications
 Electronic Warfare
General Description
TriQuint’s TGA2237-SM is a wideband distributed
amplifier fabricated on TriQuint
’s production 0.25um GaN
on SiC process. The TGA2237-SM operates from 0.03
2.5GHz and provides greater than 10W of saturated
output power with greater than 13dB of large signal gain
and greater than 50% power-added efficiency.
The TGA2237-SM is available in a low-cost, surface
mount 32 lead 5x5 AIN QFN.
It is ideally suited to
support both radar and communication applications
across defense and commercial markets as well as
electronic warfare. The TGA2237-SM is fully matched to
50Ω at both RF ports allowing for simple system
integration. DC blocks are required on both RF ports and
the drain voltage must be injected through an off chip
bias-tee on the RF output port.
Lead-free and RoHS compliant.
Evaluation boards are available upon request.
Ordering Information
Part
ECCN
Description
TGA2237-SM
EAR99
0.03
– 2.5GHz 10W
GaN Power Amplifier
Product Features
 Frequency Range: 0.03 – 2.5GHz
 P
SAT: >40dBm at PIN = 27dBm
 P1dB: >33dBm
 PAE: >50%
 Large Signal Gain: >13dB
 Small Signal Gain: >19dB
 Input Return Loss: >10dB
 Output Return Loss: >12dB
 Bias: V
D = 32V, IDQ = 360mA, VG = -2.6V Typical
 Wideband Flat Power
 Package Dimensions: 5.0 x 5.0 x 1.45 mm
Functional Block Diagram
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
RF IN
RF OUT


Similar Part No. - TGA2237-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2237-SMEVB QORVO-TGA2237-SMEVB Datasheet
1,019Kb / 19P
   0.03??.5 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA2237-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2583 TRIQUINT-TGA2583_15 Datasheet
598Kb / 15P
   2.7 3.7GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2237 QORVO-QPA2237 Datasheet
791Kb / 17P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA2237-SM QORVO-TGA2237-SM Datasheet
1,019Kb / 19P
   0.03??.5 GHz 10 W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com