Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA1342-SCC Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA1342-SCC
Description  2 20 GHz Wideband AGC Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1342-SCC Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA1342-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA1342-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA1342-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA1342-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA1342-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA1342-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA1342-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
2
TGA1342-SCC
TABLE I
MAXIMUM RATINGS 5/
SYMBOL
PARAMETER
VALUE
NOTES
V
+
Positive Supply Voltage
9 V
4/
V
-
Negative Supply Voltage Range
-5V TO 0V
I
+
Positive Supply Current (Quiescent)
220 mA
4/
| IG |
Gate Supply Current
8.73 mA
PIN
Input Continuous Wave Power
23 dBm
PD
Power Dissipation
2.16W
3/ 4/
TCH
Operating Channel Temperature
150
0C1/ 2/
TM
Mounting Temperature (30 Seconds)
320
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings apply to each individual FET.
2/
Junction operating temperature will directly affect the device median time to failure (TM). For
maximum life, it is recommended that junction temperatures be maintained at the lowest possible
levels.
3/
When operated at this bias condition with a base plate temperature of 70
0C, the median life is
reduced from 3.7E+11 to 1.9E+8 hours.
4/
Combinations of supply voltage, supply current, input power, and output power shall not exceed PD.
5/
These ratings represent the maximum operable values for this device.
TABLE II
DC PROBE TESTS (100%)
(TA = 25 °C + 5 °C)
NOTES
SYMBOL
LIMITS
UNITS
MIN
MAX
IDSS1
97
292
mA
GM1
130
280
mS
1/
|VP|
0.5
2.1
V
1/
|VBVGD1|6
30
V
1/
|VBVGS1|
6
30
V
1/
VP, VBVGD, and VBVGS are negative.


Similar Part No. - TGA1342-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC Datasheet
185Kb / 7P
   2-20 GHz Wideband AGC Amplifier
More results

Similar Description - TGA1342-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1342 TRIQUINT-TGA1342 Datasheet
124Kb / 4P
   2 -20 GHz Wideband AGC Amplifier
TGA1342-SCC TRIQUINT-TGA1342-SCC Datasheet
185Kb / 7P
   2-20 GHz Wideband AGC Amplifier
logo
Qorvo, Inc
TGA2526 QORVO-TGA2526 Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
logo
TriQuint Semiconductor
TGA2526 TRIQUINT-TGA2526_15 Datasheet
330Kb / 13P
   2 20 GHz Low Noise Amplifier with AGC
logo
Analog Devices
ADH463S AD-ADH463S Datasheet
303Kb / 7P
   2 to 20 GHz Low Noise AGC Amplifier
Rev. A
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
TriQuint Semiconductor
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com