Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA1171-SCC Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA1171-SCC
Description  36 to 40 GHz 1W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1171-SCC Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA1171-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA1171-SCC_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TriQuint Semiconductor Texas: (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Product Data Sheet
4
December 13, 2001
TABLE V
THERMAL INFORMATION*
Parameter
Test Conditions
TCH
(
oC)
RθJC
(
°C/W)
TM
(HRS)
RθJC Thermal Resistance
(channel to backside of
carrier)
Vd = 7V
ID = 500 mA
Pdiss = 3.5 W
125.03
15.79
9.5 E+6
Note: Assumes eutectic attach using 1.5 mil 80/20 AuSn mounted to a 20 mil CuMo Carrier
at 70
°C baseplate temperature. Worst case condition with no RF applied, 100% of DC
power is dissipated.
*
This information is a result of a thermal model analysis.
TABLE IV
RF WAFER CHARACTERIZATION TEST
(TA = 25
°C + 5°C)
(Vd = 7V, Id = 500 mA
±5%)
Parameter
Unit
Min
Typical
Max
Frequency
GHz
36
40
Output P1dB
dBm
26
29
Small Signal Gain
dB
12
14
Input Return Loss
dB
-15
Output Return Loss
dB
-15
Output TOI
dBm
36
TGA1171-SCC


Similar Part No. - TGA1171-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1171-SCC TRIQUINT-TGA1171-SCC Datasheet
889Kb / 9P
   36 to 40 GHz 1W Power Amplifier
More results

Similar Description - TGA1171-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1171-SCC TRIQUINT-TGA1171-SCC Datasheet
889Kb / 9P
   36 to 40 GHz 1W Power Amplifier
TGA4542 TRIQUINT-TGA4542_15 Datasheet
1Mb / 13P
   37 to 40 GHz 1W Power Amplifier
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
   36 - 40 GHz Power Amplifier
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
   36 40 GHz Power Amplifier
TGA1073C TRIQUINT-TGA1073C Datasheet
852Kb / 6P
   36 - 40 GHz Power Amplifier
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
   37 - 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
   37 - 40 GHz 1W Power Amplifier
logo
TriQuint Semiconductor
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
TGA4537-SM TRIQUINT-TGA4537-SM_15 Datasheet
1Mb / 14P
   29 to 35 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
   37- 40 GHz, 1W Linear Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com