Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA1135B-SCC Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA1135B-SCC
Description  18 27 GHz 1W Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1135B-SCC Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA1135B-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Product Datasheet
February 14, 2008
4
Wafer 993150303, 6V/540mA
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Frequency (GHz)
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
13
14
15
16
17 18
19
20
21
22 23
24
25
26
27 28
29
30
31
32
Frequency (GHz)
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Frequency (GHz)
S22
S11
S21
Measured small signal data
6V, 540mA
TGA1135B-SCC


Similar Part No. - TGA1135B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
More results

Similar Description - TGA1135B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
TGA1172 TRIQUINT-TGA1172 Datasheet
768Kb / 4P
   27 - 32 GHz 1W Power Amplifier
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
   27 - 31 GHz 1W Power Amplifier
TGA1172-SCC TRIQUINT-TGA1172-SCC Datasheet
329Kb / 8P
   27 - 32 GHz 1W Power Amplifier
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
   18-27.5 GHz 1W Power Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6420 HP-AMMP-6420 Datasheet
88Kb / 4P
   6-18 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier
logo
Broadcom Corporation.
AMMC-6408 BOARDCOM-AMMC-6408 Datasheet
589Kb / 12P
   6-18 GHz 1W Power Amplifier
logo
Transcom, Inc.
TA160-180-25-27 TRANSCOM-TA160-180-25-27 Datasheet
18Kb / 1P
   16 - 18 GHz 27 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com