Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2184WP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2184WP
Description  Silicon N Channel Power MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2184WP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2184WP_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 7Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 8Page - Renesas Technology Corp HAT2184WP_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HAT2184WP
Rev.5.00 Nov 27 2006 page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
150
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 150 V, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
4.5
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
6
10
S
ID = 7 A, VDS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
0.097
0.11
ID = 7 A, VGS = 10 V
Note4
Input capacitance
Ciss
710
pF
Output capacitance
Coss
160
pF
Reverse transfer capacitance
Crss
13
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
26
ns
Rise time
tr
31
ns
Turn-off delay time
td(off)
53
ns
Fall time
tf
7
ns
ID = 7 A
VGS = 10 V
RL = 10.7
Rg = 10
Total gate charge
Qg
15
nC
Gate to source charge
Qgs
4.3
nC
Gate to drain charge
Qgd
5.6
nC
VDD = 120 V
VGS = 10 V
ID = 14 A
Body-drain diode forward voltage
VDF
0.85
1.4
V
IF = 14 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
95
ns
IF = 14 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 4. Pulse test


Similar Part No. - HAT2184WP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2184WP-EL-E RENESAS-HAT2184WP-EL-E Datasheet
114Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2184WP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com