Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N81610M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N81610M
Description  10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 10M (33-ft)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N81610M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N81610M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N81610M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Cable Length (ft.)
33
Cable Length (m)
10
PHYSICAL
Color
Aqua
COMMUNICATIONS
Network Speed
10Gbps / 40Gbps / 100Gbps
CONNECTIONS
Connector A
SC
Connector B
LC
Number of Connectors
4
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N81610M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N81615M TRIPPLITE-N81615M Datasheet
487Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 15M (50-ft.)
More results

Similar Description - N81610M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N816-10M TRIPPLITE-N816-10M Datasheet
157Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/SC) - Aqua, 10M (33-ft.)
N80610M TRIPPLITE-N80610M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 10M (33-ft)
N806-10M TRIPPLITE-N806-10M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 10M (33-ft.)
N82010M TRIPPLITE-N82010M Datasheet
474Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 10M (33-ft)
N820-10M TRIPPLITE-N820-10M Datasheet
154Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 10M (33-ft.)
N83610M TRIPPLITE-N83610M Datasheet
488Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - LC) - Aqua, 10M (33-ft)
N81810M TRIPPLITE-N81810M Datasheet
488Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-ST) - Aqua, 10M (33-ft.)
N818-10M TRIPPLITE-N818-10M Datasheet
158Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/ST) - Aqua, 10M (33-ft.)
N836-10M TRIPPLITE-N836-10M Datasheet
160Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (Mini-LC / LC) - Aqua, 10M (33-ft.)
N83810M TRIPPLITE-N83810M Datasheet
483Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - Mini-LC) - Aqua, 10M (33-ft)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com