Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N81602M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N81602M
Description  10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 2M (6-ft)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N81602M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N81602M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N81602M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OM3 can support 40GBASE-SR4 / 100GBASE-SR10 in applicable parallel optics networks
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber
Patch Cable (LC/SC) - Aqua, 2M (6-ft.)
MODEL NUMBER: N816-02M
Description
Tripp Lite introduces it's new OM3 Laser-Optimized Multimode Fiber (LOMMF) "Aqua" cables, for use with 10Gb
Ethernet applications. These new technology, 50/125um, SC/LC Fiber Optic cables, provide nearly three times the bandwidth over conventional 62.5um
multimode fiber, with performance rivaling that of Singlemode cable, at a much reduced cost. LOMMF cable allows 10Gb serial transmission over extended
distances in the 850nm wavelength window, where low-cost Vertical Cavity Surface Emitting Lasers (VCSELs) enable a cost-effective, high-bandwidth
solution. LOMMF is ideally suited for LAN's, SAN's, and high-speed parallel interconnects for head-ends, central offices, and data centers.
Features
2 Meter LC/SC 10Gb 50/125 Aqua Fiber Patch Cable, OM3 Rated
10gb Ethernet speed to 300 meters @850nm
Use with VCSEL and LED laser light sources
High-Speed, High-Bandwidth, Low-Cost
Backward compatible with legacy LAN's
Ideal for Fibre Channel (SAN) applications
IEEE 802.3ae and TIA LOMMF compliant
Specifications
OVERVIEW
Clad Diameter
125um
Core Diameter
50um
Number of Fibers
2
Fiber Type
50/125 - OM3
Highlights
2 Meter LC/SC 10Gb 50/125
Aqua Fiber Patch Cable...OM3
Rated
Designed for 10-Gig Ethernet
applications
Backward compatible with
existing 50/125 fiber
Max 10Gb distance of 300
meters @850nm
Low-Smoke, Zero Halogen
(LSZH) Aqua jacket
Applications
For use with 10-Gigabit Ethernet
equipment
Package Includes
2 meter ( 6.5 ft ) Duplex Multimode
50/125 Aqua OM3 Fiber Patch Cable,
SC/LC
1 / 2


Similar Part No. - N81602M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N81601M TRIPPLITE-N81601M Datasheet
487Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 1M (3-ft)
N81603M TRIPPLITE-N81603M Datasheet
487Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 3M (10-ft)
N81605M TRIPPLITE-N81605M Datasheet
487Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 5M (16-ft)
More results

Similar Description - N81602M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N816-02M TRIPPLITE-N816-02M Datasheet
157Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/SC) - Aqua, 2M (6-ft.)
N80602M TRIPPLITE-N80602M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 2M (6-ft)
N806-02M TRIPPLITE-N806-02M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 2M (6-ft.)
N820-02M TRIPPLITE-N820-02M Datasheet
154Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/LC) - Aqua, 2M (6-ft.)
N82002M TRIPPLITE-N82002M Datasheet
475Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-LC) - Aqua, 2M (6-ft)
N81802M TRIPPLITE-N81802M Datasheet
488Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-ST) - Aqua, 2M (6-ft.)
N818-02M TRIPPLITE-N818-02M Datasheet
158Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/ST) - Aqua, 2M (6-ft.)
N836-02M TRIPPLITE-N836-02M Datasheet
160Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (Mini-LC / LC) - Aqua, 2M (6-ft.)
N83602M TRIPPLITE-N83602M Datasheet
489Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - LC) - Aqua, 2M (6-ft)
N816-15M TRIPPLITE-N816-15M Datasheet
157Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/SC) - Aqua, 15M (50-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com