Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT8857A1H-PCB24V Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TAT8857A1H-PCB24V
Description  CATV Doubler ??Hybrid RFIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8857A1H-PCB24V Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TAT8857A1H-PCB24V Datasheet HTML 3Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 4Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 5Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 6Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 7Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 8Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 9Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 10Page - TriQuint Semiconductor TAT8857A1H-PCB24V Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TAT8857A1H
CATV Doubler – Hybrid RFIC
Data Sheet: Rev. B 06/30/13
- 7 of 12 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Bill of Material – TAT8857A1H-PCB VCC = 12V
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
TriQuint
1077901
U1
n/a
TAT8857 CATV Doubler, SOIC-16
TriQuint
TAT8857
T1
n/a
TX Line Transformer, 3rd winding, 1:1
Macom
MABA-08483-CT1760
T2
n/a
TX Line Transformer, Special, 2:1
Macom
MABA-007681-CT2010
Mini-Circuits
TRS2-1T-1+
L1
910 nH
Ind 1008 ±10% 1400mA
Coil Craft
1008AF-901XKLC
L2
600 Ω
Ferrite Bead 0603 100mA
Murata
BLM18HD601SN1
L3
3.9 nH
Ind 0603 ±5%
Coil Craft
0603CS-3N9XJL
L5, L6
560 nH
Ind 0603 ±5% 530mA
Coil Craft
0603AF-561XJR
L7, L8
11 nH
Ind 0603 ±5% 700mA
Coil Craft
0603CS-11NXJL
L9, L10
2.2 nH
Ind 0603 ±5% 100 mA
Coil Craft
0603CS-2N2XJL
C1, C2
0.033 uF
Cap 0603 ±10% 50V X7R
AVX
06035C333KAZ2A
C3
100 pF
Cap 0603 ±5% 50V NPO/COG
AVX
06035A101JAT2A
C4, C5, C7, C8, C11,
C12, C17, C18
0.01 uF
Cap 0603 ±5% 50V X7R
AVX
06035C103JAT2A
C9, C10
3.3 pF
Cap 0603 ±0.1pF 50V
AVX
06035J3R3BBSTR
C13, C14
2.7 pF
Cap 0603 ±0.1pF 200V NPO/COG
AVX
06032U2R7BAT2A
C15, C16
330 pF
Cap 0603 ±5% 50V NPO/COG
AVX
06035A331JAT2A
C19
0.5 pF
Cap 0603 ±0.05pF 50V NPO/COG
AVX
06035J0R5ABSTR
R1
2.70 KΩ
Res 0603 ±1% 1/10W
various
R2
680 Ω
Res 0603 ±1% 1/10W
various
R3, R4
20.0 Ω
Res 1206 ±1% 1/4W
various
R5, R6
220 Ω
Res 0603 ±1% 1/10W
various
R7, R8
n/a
DNP
R9, R10
3.09 KΩ
Res 0603 ±1% 1/10W
various
R11, R12, R13, R14
6.80 Ω
Res 0603 ±1% 1/10W
various
R15, R16
33.0 Ω
Res 0603 ±1% 1/10W
various
R17, R18
5.10 Ω
Res 0603 ±1% 1/10W
various
R19, R20
909 Ω
Res 0603 ±1% 1/10W
various


Similar Part No. - TAT8857A1H-PCB24V

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
TAT8857-EB TRIQUINT-TAT8857-EB Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
More results

Similar Description - TAT8857A1H-PCB24V

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
   CATV Power Doubler Hybrid 1218MHz 23dB
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
logo
TriQuint Semiconductor
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com