Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT8801A1H Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TAT8801A1H
Description  75 CATV Output Stage Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8801A1H Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TAT8801A1H Datasheet HTML 2Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 3Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 4Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 5Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 6Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 7Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 8Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 9Page - TriQuint Semiconductor TAT8801A1H Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TAT8801A1H
75 Ω CATV Output Stage Amplifier
Datasheet: Rev. D 04-29-14
- 6 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Distortion performance: Variation over production volumes
Measured using production test fixture and 1200 parts from 3 non-sequential lots.


Similar Part No. - TAT8801A1H

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8804D1H TRIQUINT-TAT8804D1H Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H-EB TRIQUINT-TAT8804D1H-EB Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H-EBP TRIQUINT-TAT8804D1H-EBP Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H TRIQUINT-TAT8804D1H_15 Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
More results

Similar Description - TAT8801A1H

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
logo
Qorvo, Inc
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
   CATV 75 HEMT Dual RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com