Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT7430B-EB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TAT7430B-EB
Description  CATV 75 HEMT High Gain RF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7430B-EB Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TAT7430B-EB Datasheet HTML 1Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 2Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 3Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 4Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 5Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 6Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAT7430B
CATV 75 Ω pHEMT High Gain RF Amplifier
Mechanical Information
Package Information and Dimensions
This package is lead-free/RoHS-compliant. The plating
material on the leads is 100 % Matte Tin. It is compatible
with both lead-free
(maximum 260 °C reflow
temperature) and lead (maximum 245 °C reflow
temperature) soldering processes.
The TAT7430B will be marked with a “TAT7430B”
designator and an alphanumeric lot code.
Mounting Configuration
Data Sheet: Rev B 03/08/11
- 6 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Notes:
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35 mm (#80/.0135”) diameter drill and
have a final, plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. RF trace width depends upon the PC board material and construction.
4. All dimensions are in millimeters (inches). Angles are in degrees.


Similar Part No. - TAT7430B-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7430B-EB TRIQUINT-TAT7430B-EB Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
logo
Qorvo, Inc
TAT7430B-EB QORVO-TAT7430B-EB Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
More results

Similar Description - TAT7430B-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
   CATV 75 HEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
logo
TriQuint Semiconductor
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
   75 HEMT Adjustable Gain RF Amplifier
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B_15 Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75, 50-1200 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com