Electronic Components Datasheet Search |
|
B203104 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved |
|
B203104 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved |
2 / 2 page Compliant with the Federal Trade Agreements Act ( TAA ) for GSA Schedule purchases ***Note*** See the System Requirements section for important compatibility notes Specifications OVERVIEW Cable Type USB PHYSICAL Color Black ENVIRONMENTAL Storage Temperature Range -20 to 60 C (-4 to 140 F) Relative Humidity 20 to 90% Operating Temperature 0 to 40 C (32 to 104 F) CONNECTIONS Connector A RJ45 (FEMALE) (X2) Connector B USB A (FEMALE) (X4) SPECIAL FEATURES Chromebook Compatible No WARRANTY Product Warranty Period (Worldwide) 1-year limited warranty © 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice. Photos may differ slightly from final products. touchscreen monitor. If you are unable to use the B203-101 or B203-104 in one of the applications mentioned above, use one of the following Tripp Lite non-Cat5 USB 2.0 Extenders: U026-016, U026-20M, U042-036 Package Includes B203-104 Local Unit B203-104 Remote 4-port Hub unit 1ft USB A/B cable ( Connection to computer ) Mounting Hardware External Power Supply Remote unit only ( Input: 100-240V, 50/60Hz, 0.5A Output: 5V, 2A ) Driver CD Owners Manual 2 / 2 |
Similar Part No. - B203104 |
|
Similar Description - B203104 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |