Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3412 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3412
Description  The STEVAL-CCA028V1 is a demonstration board designed
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3412 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3412 Datasheet HTML 1Page - STMicroelectronics AN3412 Datasheet HTML 2Page - STMicroelectronics AN3412 Datasheet HTML 3Page - STMicroelectronics AN3412 Datasheet HTML 4Page - STMicroelectronics AN3412 Datasheet HTML 5Page - STMicroelectronics AN3412 Datasheet HTML 6Page - STMicroelectronics AN3412 Datasheet HTML 7Page - STMicroelectronics AN3412 Datasheet HTML 8Page - STMicroelectronics AN3412 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2011
Doc ID 018920 Rev 1
1/15
AN3412
10 W +10 W dual BTL class-D audio amplifier demonstration board
based on the TDA7491P
Introduction
The STEVAL-CCA028V1 is a demonstration board designed for the TDA7491P dual BTL
class-D audio amplifier. This application note provides the board specifications and a quick-
start list for standalone operation. Also included are the schematic, printed circuit board
layout and bill of material.
Due to its high efficiency, the device assembled in the PSSO36 (slug-down) package is
capable of dissipating heat without any heatsink. Jumpers on the board allow configuring
the amplifier in order to verify all the features as single-ended or differential inputs, fixed gain
settings. Microswitches are also provided to enable the standby and mute functions.
The main features of the TDA7491P include:
10 W +10 W continuous output power at THD =10%, RL = 6 Ω, VCC = 11 V
9.5 W +9.5 W continuous output power at THD = 10%, RL = 8 Ω, VCC =12 V
Wide-range, single-supply operation (5 V - 18 V)
High efficiency (
η = 90%)
Four selectable, fixed gain settings (20 dB, 26 dB, 30 dB and 32 dB)
Differential inputs to minimize common-mode noise
Filterless operation
Standby and mute features
Short-circuit and thermal overload protections
Externally synchronizable
Figure 1.
STEVAL-CCA028V1
www.st.com


Similar Part No. - AN3412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3410 STMICROELECTRONICS-AN3410 Datasheet
1Mb / 28P
   This application note describes an LED driver
AN3413 STMICROELECTRONICS-AN3413 Datasheet
325Kb / 18P
   STM32L1x current consumption measurement and touch sensing demonstration firmware
More results

Similar Description - AN3412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
   The STEVAL-CCA029V1 is a demonstration board designed
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
   The STEVAL-IHI001V1 is a demonstration board designed to simulate
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
   The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
   The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
   The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
   The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
   The STEVAL-ILL057V1 demonstration board is a complete
AN4123 STMICROELECTRONICS-AN4123 Datasheet
995Kb / 17P
   The STEVAL-ISV015V1 is a demonstration board mounting
UM1494 STMICROELECTRONICS-UM1494 Datasheet
722Kb / 23P
   The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com