Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2760 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2760
Description  Using clock distribution circuits in smart phone system design
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2760 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2760 Datasheet HTML 2Page - STMicroelectronics AN2760 Datasheet HTML 3Page - STMicroelectronics AN2760 Datasheet HTML 4Page - STMicroelectronics AN2760 Datasheet HTML 5Page - STMicroelectronics AN2760 Datasheet HTML 6Page - STMicroelectronics AN2760 Datasheet HTML 7Page - STMicroelectronics AN2760 Datasheet HTML 8Page - STMicroelectronics AN2760 Datasheet HTML 9Page - STMicroelectronics AN2760 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Conventional cell phone clock solutions compared to the STCD10x0 integrated solution AN2760
6/14
Figure 3.
Typical application circuit using STCD1040 in mobile phone or MID
application
Note:
The output DC cut capacitors should only be used on the sine wave clock transmission (not
necessary for square wave clock source).
An external clock source (VCTCXO: voltage controlled TCXO) can be connected to the
STCD10x0 directly since a DC-CUT capacitor has been integrated into the STCD10x0.
Each of the output channels can be enabled/disabled individually so that there is no extra
current consumption when there is no clock request for this channel. In order to match
different application requirements, two voltage versions (1.8 V and 2.8 V) can be selected by
the users. Four-channel outputs with 10 pF capacitive loads for each output consume only
2.8 mA quiescent current. A comparison of the STCD1040 and a discrete buffer solution is
given in Table 1.
GND
CLK1
EN1
CLK2
EN2
CLK3
EN3
CLK4
EN4
VCC
MCLK
VCTCXO
ai14015
STCD1040
VCC
Other
device
GPS
WLAN
Bluetooth
BT_External_Req
Table 1.
Conventional discrete buffer and integrated STCD10x0 clock solution
Parameter
Conventional discrete buffer
STCD10x0
PCB area/cost
Large
Small (up to 60% less PCB area)
Quiescent current
High
Low (at least 30% less current)
Output enable
Always on
Can be disabled individually
Input DC-CUT cap
Required
Not required
System cost
High
Low


Similar Part No. - AN2760

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
   Solution for designing a transition mode
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
More results

Similar Description - AN2760

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5048 FAIRCHILD-AN-5048 Datasheet
65Kb / 3P
   System Clock Distribution Example Using LVDS
logo
Xilinx, Inc
DS211 XILINX-DS211 Datasheet
218Kb / 7P
   Fully synchronous design using a single clock
logo
ON Semiconductor
CAT874 ONSEMI-CAT874 Datasheet
126Kb / 7P
   Smart Phone Battery Switch Controller
July, 2013 ??Rev. 1
logo
STMicroelectronics
AN4478 STMICROELECTRONICS-AN4478 Datasheet
263Kb / 9P
   Using multiple VL6180Xs in a single design
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
ON Semiconductor
TND301 ONSEMI-TND301 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
logo
Keysight Technologies
W2306EP KEYSIGHT-W2306EP Datasheet
2Mb / 16P
   Advanced Design System
W2362EP KEYSIGHT-W2362EP Datasheet
2Mb / 16P
   Advanced Design System
logo
AAEON Technology
AEC-6646B AAEON-AEC-6646B Datasheet
352Kb / 2P
   fanless system design
logo
Keysight Technologies
W2305EP KEYSIGHT-W2305EP Datasheet
2Mb / 16P
   Advanced Design System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com