Electronic Components Datasheet Search |
|
FU-68SDF-V810M148B Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor |
|
FU-68SDF-V810M148B Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor |
1 / 5 page MITSUBISHI (OPTICAL DEVICES) TENTATIVE FU-68SDF-V810MxxxB 1.58 µm (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) DESCRIPTION Module type FU-68SDF-V810MxxB is a 1.58 µm (L-Band) DFB-LD module with single-mode optical fiber. This module is suitable to a directly modulated light source for use in 2.5Gb/s digital optical communication systems. This module is prepared to expand the wavelength channels into L-Band for Dense-WDM transmission. FEATURES l Multi quantum wells (MQW) DFB Laser Diode module l Input impedance is 25 Ω l Emission wavelength is in 1.58 µm band l High-speed response l Built-in optical isolator l Built-in thermal electric cooler l Butterfly package l With photodiode for optical output monitor APPLICATION High speed transmission systems (~2.5Gb/s) Dense-WDM systems OPTION l Wavelength option: 1565nm~1625nm are available ABSOLUTE MAXIMUM RATINGS (Tld=Tset) Parameter Symbol Conditions Rating Unit Optical output power Pf CW 15 mW Forward current If CW 150 mA Laser diode Reverse voltage Vrl - 2 V Reverse voltage Vrd - 20 V Photodiode Forward current Ifd - 2 mA Cooler current Ipe - 1.3 A Thermo- electric cooler (Note) Cooler voltage Vpe - 3.1 V Operating case temperature Tc - -20 ~ 70 °C Storage temperature Tstg - -40 ~ 85 °C Note) Even if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current loading or operation without heatsink may easily damage the module by exceeding the storage temperature range. Thermistor resistance should be properly monitored by the feedback circuit during TEC operation to avoid the catastrophic damage. |
Similar Part No. - FU-68SDF-V810M148B |
|
Similar Description - FU-68SDF-V810M148B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |