Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4890N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4890N
Description  Dual-N Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4890N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4890N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4890N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4890N_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4890N_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4890N
1.4 A, 150 V, RDS(ON) 700 m
Dual-N Enhancement Mode Power MOSFET
24-Aug-2012 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low RDS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Low thermal impedance copper leadframe SOP-8 saves board space.
Fast switching speed.
High performance trench technology.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±20
V
TA = 25°C
1.4
Continuous Drain Current
1
TA = 70°C
ID
1.1
A
Pulsed Drain Current
2
IDM
10
A
Continuous Source Current (Diode Conduction)
1
IS
2.6
A
TA = 25°C
2.1
Power Dissipation
1
TA = 70°C
PD
1.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
t ≦ 10 sec
62.5
°C / W
Maximum Junction to Ambient
1
Steady State
RθJA
110
°C / W
Notes
1 Surface Mounted on 1” x 1” FR4 Board.
2 Pulse width limited by maximum junction temperature.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
G
S
G
S
D
D
D
D


Similar Part No. - SSG4890N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4890N SECOS-SSG4890N Datasheet
618Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
More results

Similar Description - SSG4890N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9904 SECOS-SSG9904 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4822J SECOS-SSG4822J Datasheet
203Kb / 3P
   Dual-N Enhancement Mode Power MOSFET
SSG9971A SECOS-SSG9971A Datasheet
422Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N Datasheet
150Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904_15 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N_15 Datasheet
112Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4940NC SECOS-SSG4940NC_15 Datasheet
581Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG05N10J SECOS-SSG05N10J Datasheet
244Kb / 3P
   Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228_15 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4910N SECOS-SSG4910N_15 Datasheet
919Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com