Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4504 Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4504
Description  N & P-Ch Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4504 Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  SSG4504_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4504_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4504_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4504_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4504_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4504_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4504_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Elektronische Bauelemente
SSG4504
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 7.2 A, 40 V, RDS(ON) 26 mΩ
P-Ch: -6.5A, -40 V, RDS(ON) 40 mΩ
10-Jun-2014 Rev. A
Page 6 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE (P-Ch)


Similar Part No. - SSG4504_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4504 SECOS-SSG4504 Datasheet
386Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG4504 VBSEMI-SSG4504 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SSG4504_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4536C SECOS-SSG4536C_15 Datasheet
126Kb / 2P
   N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com