Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1012 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 2Page - STMicroelectronics AN1012 Datasheet HTML 3Page - STMicroelectronics AN1012 Datasheet HTML 4Page - STMicroelectronics AN1012 Datasheet HTML 5Page - STMicroelectronics AN1012 Datasheet HTML 6Page - STMicroelectronics AN1012 Datasheet HTML 7Page - STMicroelectronics AN1012 Datasheet HTML 8Page - STMicroelectronics AN1012 Datasheet HTML 9Page - STMicroelectronics AN1012 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Process technology
AN1012
6/33
Doc ID 6395 Rev 4
1
Process technology
The ZEROPOWER®, TIMEKEEPER®, supervisor, and serial RTC families consist of a
broad range of products that encompass various technologies. These products can be
divided into six categories, as shown in Table 1. The SRAM array is generally based on a
6-transistor or 4-transistor cell, as indicated by the categories (6T and 4T). Figure 2
illustrates a one-bit storage cell from a 4-transistor SRAM cell.
The hybrid devices (also known as module devices) contain individually packaged analog
circuitry and SRAM. They are not covered in this document, except for the table of values for
typical battery lifetimes in Appendix A: Product data on page 25.
Table 1.
ZEROPOWER and TIMEKEEPER® product categories
Figure 2.
Four-transistor (4T) SRAM cell
The first devices, released in 1982, were based on a conventional 6T, full-CMOS, SRAM
design. These were specified for low-voltage data retention, and were built to stringent
manufacturing and test specifications. With data retention currents of less than 150 nA at
70 °C, these devices were designed to retain data in battery backup for at least 10 years
over the full commercial temperature range.
Newer devices have since been released. They use 4T, CMOS SRAM arrays. By using two
poly-R resistors in place of the pull-up transistors of full-CMOS design, the 4T cell is much
smaller than the 6T equivalent. Die size is dramatically reduced because the poly-R
resistors can be stacked on top of n-channel pull-down MOSFETs in the cell. This leads to a
net reduction in the device costs. Although the current drawn from the lithium cell is
increased, the devices have been specified to outlast the useful life of most equipment in
which they are used.
Category
Devices
ZEROPOWER (4T cell) M48Z02, M48Z12, M48Z08, M48Z18, M48Z58/Y, M48Z35/Y/AV
ZEROPOWER Hybrid
M48Z128/Y, M48Z129V, M48Z512A/AY, M48Z2M1V/Y
TIMEKEEPER (4T cell) M48T08/Y, M48T58/Y, M48T35/Y/AV, M48T37V/Y
TIMEKEEPER Hybrid
M48T128Y, M48T129V, M48T512Y
Supervisors
M40Z111/W, M40Z300W, M48T201V/Y
Serial RTCs (6T cell)
M41T00/S, M41T11, M41T56, M41T81/S, M41T94, M41ST85W, M41ST87W
BIT-LINE
BIT-LINE
ROW SELECT
GND
SUPPLY VOLTAGE
POLY-LOAD
RESISTORS
Q1
Q2
Q3
Q4
AI02457


Similar Part No. - AN1012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN101 VISHAY-AN101 Datasheet
44Kb / 5P
   MOSFETs
10-Mar-97
logo
STMicroelectronics
AN1011 STMICROELECTRONICS-AN1011 Datasheet
253Kb / 11P
   Battery technology used in NVRAM
logo
ZF Friedrichshafen AG
AN101101 ZFSWITCHES-AN101101 Datasheet
360Kb / 2P
   Intrinsically Linear Angle Position Sensor
logo
STMicroelectronics
AN1013 STMICROELECTRONICS-AN1013 Datasheet
113Kb / 13P
   MONO CLASS_D AMPLIFIERS
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
   HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
More results

Similar Description - AN1012

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSA12GN10 INFINEON-BGSA12GN10 Datasheet
145Kb / 2P
   Maximizing battery life and data rate for 3G/4G mobile devices
09 / 2015
BGSA12GN10E6327XTSA1 INFINEON-BGSA12GN10E6327XTSA1 Datasheet
145Kb / 2P
   Maximizing battery life and data rate for 3G/4G mobile devices
09 / 2015
logo
NimbeLink Corp.
NL-AT5 NIMBELINK-NL-AT5 Datasheet
330Kb / 2P
   Solid Reliability and Unmatched Battery Life
logo
List of Unclassifed Man...
BCM-1-306-150-00-03K ETC2-BCM-1-306-150-00-03K Datasheet
101Kb / 2P
   Optimizes Battery Life
logo
Cymbet Corporation
AN-1059 CYMBET-AN-1059 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
logo
Linear Technology
LTC3107EDD LINER-LTC3107EDD Datasheet
409Kb / 8P
   Ultralow Voltage Energy Harvester and Primary Battery Life Extender
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
   Current limiting for over-voltage protection and extended battery life
SKY77592 SKYWORKS-SKY77592 Datasheet
88Kb / 2P
   Current limiting for over-voltage protection and extended battery life
logo
Linear Technology
LTC3107 LINER-LTC3107_15 Datasheet
372Kb / 24P
   Ultra-Low Voltage Energy Harvester and Primary Battery Life Extender
logo
Skyworks Solutions Inc.
SKY77596 SKYWORKS-SKY77596 Datasheet
88Kb / 2P
   Current limiting for over-voltage protection and extended battery life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com