Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLF-1140UW1C-UWW Datasheet(PDF) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLF-1140UW1C-UWW
Description  Flux LED Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLF-1140UW1C-UWW Datasheet(HTML) 6 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLF-1140UW1C-UWW Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140UW1C-UWW Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140UW1C-UWW Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140UW1C-UWW Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140UW1C-UWW Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140UW1C-UWW Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140UW1C-UWW Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Model. No.
Rev.
Precautions for use:
1. Storage
Any mechanical force or any excess vibration shall not be accepted to apply during cooling process
to normal temperature after soldering.
Avoid quick cooling.
Lead frames are silver plated copper alloy. The silver plate surface may be affected by
environments which contains corrosive substances. Please avoid conditions which may cause the LEDs
to corrode,tarnish or discolour.
2. Soldering
Recommended soldering profile:
Page: 6/7
Peak profile fit temperature:260
max
Dwell time above 200
should not exceed 3 seconds
Dwell time above 200
should not exceed 3 seconds
Dipping Time
60 seconds max.
63/37 Solder:235
(245
max)
Pb-free solder:255
(260
max)
3 seconds max.
Position
Total preheat time:50-60seconds
Total preheat time:50-60seconds
Peak profile fit temperature:235
(max 245
)
Manual Soldering
Solder Dipping
Soldering Iron
35W max.
Preheat
110
max
Temperature
Soldering Time
Solder temperature
A
FYLF-1140UW1C-UWW
Http://www.foryard.com
280
max(63/37 Solder)
300
max(Pb free solder)
3 seconds max.
Position
Not less than 3mm from
the base of the epoxy
Preheat time
Not less than 3mm from the
base of the epoxy
Solder=Sn 63-Pb 37
Solder= Pb-Free
Peak preheat temperature:100-110
Peak preheat temperature:100-110
Model No.
FYLF-1140UW1C-UWW
Times(Sec)
50
100
150
200
250
300
0
0
10
20
30
40
50
60
70
80
90
100
110
120
Temperature( )
Preheat
laminar wave


Similar Part No. - FYLF-1140UW1C-UWW

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLF-1140UW1C FORYARD-FYLF-1140UW1C Datasheet
130Kb / 3P
   FLUX LED LAMP
FYLF-1140UW1C FORYARD-FYLF-1140UW1C_15 Datasheet
405Kb / 7P
   Flux LED Type
More results

Similar Description - FYLF-1140UW1C-UWW

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLF-1140UY1C FORYARD-FYLF-1140UY1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1860UW1C FORYARD-FYLF-1860UW1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UY1C FORYARD-FYLF-1110UY1C Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1130UW1C FORYARD-FYLF-1130UW1C_15 Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1130UW1C-UWW FORYARD-FYLF-1130UW1C-UWW Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1140UB1C FORYARD-FYLF-1140UB1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1140UW1C FORYARD-FYLF-1140UW1C_15 Datasheet
405Kb / 7P
   Flux LED Type
FYLF-1860PG1C FORYARD-FYLF-1860PG1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1860UR1C FORYARD-FYLF-1860UR1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UB1C FORYARD-FYLF-1110UB1C Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1110UR1C FORYARD-FYLF-1110UR1C Datasheet
404Kb / 7P
   Flux LED Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com