Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLF-1140PG1C Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLF-1140PG1C
Description  Flux LED Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLF-1140PG1C Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLF-1140PG1C_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140PG1C_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140PG1C_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140PG1C_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140PG1C_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140PG1C_15 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLF-1140PG1C_15 Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Model. No.
Rev.
■ Mechanical Dimensions
Notes:
1. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
2. Bending
Length*1%.
3.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/7
Http://www.foryard.com
FYLF-1140PG1C
A
Model No.
FYLF-1140PG1C
C
R 0.69(.027)


Similar Part No. - FYLF-1140PG1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLF-1140PG1C FORYARD-FYLF-1140PG1C Datasheet
120Kb / 3P
   FLUX LED LAMP
More results

Similar Description - FYLF-1140PG1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLF-1140UY1C FORYARD-FYLF-1140UY1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1860UW1C FORYARD-FYLF-1860UW1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UY1C FORYARD-FYLF-1110UY1C Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1130UW1C FORYARD-FYLF-1130UW1C_15 Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1130UW1C-UWW FORYARD-FYLF-1130UW1C-UWW Datasheet
414Kb / 7P
   Flux LED Type
FYLF-1140UB1C FORYARD-FYLF-1140UB1C_15 Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1140UW1C FORYARD-FYLF-1140UW1C_15 Datasheet
405Kb / 7P
   Flux LED Type
FYLF-1860PG1C FORYARD-FYLF-1860PG1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1860UR1C FORYARD-FYLF-1860UR1C_15 Datasheet
415Kb / 7P
   Flux LED Type
FYLF-1110UB1C FORYARD-FYLF-1110UB1C Datasheet
404Kb / 7P
   Flux LED Type
FYLF-1110UR1C FORYARD-FYLF-1110UR1C Datasheet
404Kb / 7P
   Flux LED Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com