Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD151TS502US Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD151TS502US
Description  PLL clock generator series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD151TS502US Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD151TS502US_15 Datasheet HTML 1Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 2Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 3Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 4Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 5Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 6Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 7Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 8Page - Renesas Technology Corp RD151TS502US_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RD151TS502US
REJ03D0898-0100 Rev.1.00 Apr 25, 2007
Page 2 of 6
Block Diagram
1/M
1/N
VDD
VSS
IN
OUT
PDWN
Synthesizer
DIV
SEL
DIV2
Rpd = 100 k
Rpd = 100 k
Rpd = 100 k
Rpd = 100 k
Pin Descriptions
Pin name
No.
Type
Description
VDD
1,2
Power
Power supply
VSS
3
Ground
GND
OUT
4
Output
Clock signal output
PDWN
5
Input
Power-down control *
1
SEL
6
Input
Frequency select *
1
IN
7
Input
Clock signal input *
1
DIV2
8
Input
Frequency select *
1
Note:
1. LVCMOS level input. Pull-down by internal resistor (100 k
Ω).
Power-down Function Table
PDWN
IC Operating
OUTPUT
Remark
L
Power-down
Low level
Default *
1
H
Active
Clock signal output
Note:
1. All Circuits are set stand-by condition.
Clock Frequency Table
SEL
DIV2
Output Frequency
(IN:OUT Ratio)
Remark
L
L
27.0 MHz (1:1)
Default
H
L
33.75 MHz (1:1.25)
L
H
13.5 MHz (1:0.5)
H
H
16.875 MHz (1:0.625)


Similar Part No. - RD151TS502US_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS502USE RENESAS-RD151TS502USE Datasheet
101Kb / 7P
   PLL clock generator series
More results

Similar Description - RD151TS502US_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
logo
Analog Devices
ADF4001 AD-ADF4001_15 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
AD9576 AD-AD9576 Datasheet
1Mb / 65P
   Dual PLL, Asynchronous Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com