Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC4051P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC4051P
Description  8-Channel Analog Multiplexer Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4051P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74HC4051P Datasheet HTML 2Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 3Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 4Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 5Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 6Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 7Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 8Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 9Page - Renesas Technology Corp HD74HC4051P Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HD74HC4051
Rev.2.00 Mar 30, 2006 page 4 of 10
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Control input voltage
VIL
6.0
1.8
1.8
V
2.0
2000
5000
6250
4.5
120
180
225
6.0
100
170
210
VINH = VIL
VI/O = VCC to VEE
II/O
≤ 2 mA
2.0
200
800
1000
4.5
80
150
190
ON resistance
RON
6.0
70
140
175
VINH = VIL
VI/O = VCC or VEE
VI/O
≤ 2 mA
2.0
50
4.5
13
40
50
∆ON resistance
between any two
channels
∆RON
6.0
10
20
25
VINH = VIL
VI/O = VCC to VEE
II/O
≤ 2 mA
OFF channel
leakage current
(switch off)
IS (OFF)
6.0
±0.1
±1.0
µA VINH = VIL
OFF channel
leakage current
(switch on)
IS (ON)
6.0
±0.1
±1.0
µA VINH = VIL
Control input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND


Similar Part No. - HD74HC4051P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4051P RENESAS-HD74HC4051P Datasheet
125Kb / 11P
   8-Channel Analog Multiplexer Demultiplexer
More results

Similar Description - HD74HC4051P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com