Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC4051 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HC4051
Description  8-Channel Analog Multiplexer Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4051 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74HC4051_15 Datasheet HTML 4Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 5Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 6Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 7Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 8Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 9Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 10Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 11Page - Renesas Technology Corp HD74HC4051_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HD74HC4051
Rev.2.00 Mar 30, 2006 page 6 of 10
Test Circuit
Maximum Control Frequency
VCC
VCC
Vout
GND
VEE
VCC
Vout
Vcc/2
VC
0 V
RL =
1 k
CL =
15 pF
VC
Vin VCC
Cross talk (Control Input to Switch Output)
VCC
VC
Vin
Rin =
600
R
L =
600
C
L =
50 pF
VCC
Vout
VCC/2
VCC/2
GND
VEE
VCC
90%
tf
tr
10%
tr = tr = 6 ns
VSS
(f = 1 MHz)
10%
Feed through Attenuation
VCC
fin
Rin =
600
RL =
600
CL =
50 pF
VCC
(OFF)
Vin
0.1
µF
Vout
VCC/2
VCC/2
GND
VEE
Vin
(Sine Wave)
(Vin = 0 dBm, f = 1 MHz)
Sine Wave Distortion
VCC
fin
RL =
10 k
CL =
50pF
VCC
(ON)
Vin
10
µF
Vout
VCC/2
GND
VEE
Vin
(Sine Wave)
(Vin = 4 Vp-p, f = 1 kHz)


Similar Part No. - HD74HC4051_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4051FPEL RENESAS-HD74HC4051FPEL Datasheet
125Kb / 11P
   8-Channel Analog Multiplexer Demultiplexer
HD74HC4051P RENESAS-HD74HC4051P Datasheet
125Kb / 11P
   8-Channel Analog Multiplexer Demultiplexer
HD74HC4051RPEL RENESAS-HD74HC4051RPEL Datasheet
125Kb / 11P
   8-Channel Analog Multiplexer Demultiplexer
More results

Similar Description - HD74HC4051_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com