Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3135-70-40 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3135-70-40
Description  70 MHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3135-70-40 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3135-70-40 Datasheet HTML 1Page - KR Electronics, Inc. 3135-70-40 Datasheet HTML 2Page - KR Electronics, Inc. 3135-70-40 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2014, KR Electronics, Inc.
3135-70-40, Rev 0, February 14, 2014
KR Electronics 3135-70-40
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Notes
Filter type
Bandpass
Insertion Loss (at Fc)
1.5 dBa max
1 dBa typical
Attenuation at 50 MHz
1 dBc max
Relative to Insertion Loss at Fc
Attenuation at 90 MHz
1 dBc max
Relative to Insertion Loss at Fc
1 dBc Bandwidth
40 MHz min
55 MHz typical
45 dBc Bandwidth
90 MHz max
87 MHz typical
Source and Load
50
Center Frequency (Fc)
70 MHz
Notes:
1. Surface mount package — Metal cover open frame
2. Dimensions in inches
3. Maximum reflow temperature is 230° C for 10 sec maximum.
4. If boards are cleaned after installation, units must be completely dried.


Similar Part No. - 3135-70-40

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3135-70-10 KR-3135-70-10 Datasheet
69Kb / 3P
   70 MHz Bandpass Filter
3135-70-20 KR-3135-70-20 Datasheet
69Kb / 3P
   70 MHz Bandpass Filter
3135-70-30 KR-3135-70-30 Datasheet
103Kb / 3P
   70 MHz Bandpass Filter
More results

Similar Description - 3135-70-40

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3169 KR-3169 Datasheet
70Kb / 3P
   70 MHz Bandpass Filter
3157-1 KR-3157-1 Datasheet
74Kb / 3P
   70 MHz Bandpass Filter
3041 KR-3041 Datasheet
58Kb / 3P
   70 MHz Bandpass Filter
logo
TriQuint Semiconductor
854747-1 TRIQUINT-854747-1 Datasheet
34Kb / 1P
   70 MHz Bandpass Filter
logo
KR Electronics, Inc.
3135-70-30 KR-3135-70-30 Datasheet
103Kb / 3P
   70 MHz Bandpass Filter
3135-70-20 KR-3135-70-20 Datasheet
69Kb / 3P
   70 MHz Bandpass Filter
3157-SMD KR-3157-SMD Datasheet
69Kb / 3P
   70 MHz Bandpass Filter
3218-70 KR-3218-70 Datasheet
63Kb / 3P
   70 MHz Bandpass Filter
3218-130 KR-3218-130 Datasheet
63Kb / 3P
   70 MHz Bandpass Filter
2810 KR-2810 Datasheet
49Kb / 2P
   70 MHz bandpass filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com