Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U324006 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U324006
Description  USB 3.0 SuperSpeed Extension Cable (AA M-F), 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U324006 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U324006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U324006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHYSICAL
Color
Blue
CONNECTIONS
Connector A
USB 3.0 A (MALE)
Connector B
USB 3.0 A (FEMALE)
SPECIAL FEATURES
Chromebook Compatible
Yes
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - U324006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U324006BK TRIPPLITE-U324006BK Datasheet
500Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M-F) Black, 6-ft
More results

Similar Description - U324006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U324-006 TRIPPLITE-U324-006 Datasheet
162Kb / 3P
   USB 3.0 SuperSpeed Extension Cable (AA M/F), 6-ft
U324006BK TRIPPLITE-U324006BK Datasheet
500Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M-F) Black, 6-ft
U324-006-BK TRIPPLITE-U324-006-BK Datasheet
170Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M/F) Black, 6-ft
U324010 TRIPPLITE-U324010 Datasheet
491Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M-F),10-ft
U324-010 TRIPPLITE-U324-010 Datasheet
162Kb / 3P
   USB 3.0 SuperSpeed Extension Cable (AA M/F), 10-ft.
U324-006-DSK1 TRIPPLITE-U324-006-DSK1 Datasheet
184Kb / 3P
   1-Port USB 3.0 SuperSpeed Desktop Extension Cable (M/F), 6 ft.
U330-20M TRIPPLITE-U330-20M Datasheet
171Kb / 3P
   USB 3.0 SuperSpeed Active Extension Repeater Cable (USB-A M/F), 20 m (65 ft.)
U330-15M TRIPPLITE-U330-15M Datasheet
181Kb / 3P
   USB 3.0 SuperSpeed Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
U324-06N-BK TRIPPLITE-U324-06N-BK Datasheet
476Kb / 2P
   USB 3.0 SuperSpeed Type-A Extension Cable (M/F), Black, 6 in.
U324-006-DSK2 TRIPPLITE-U324-006-DSK2 Datasheet
180Kb / 3P
   2-Port USB 3.0 SuperSpeed Desktop Extension Cable (M/2xF), 6 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com