Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U322003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U322003
Description  USB 3.0 SuperSpeed Device Cable (AB M-M), 3-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U322003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U322003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U322003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3.0 SuperSpeed Device Cable (AB M/M), 3-ft.
MODEL NUMBER: U322-003
Description
Tripp Lite's SuperSpeed USB 3.0 cable brings significant performance enhancements to the ubiquitous USB
standard while remaining compatible with the billions of USB enabled devices currently deployed in the market. SuperSpeed USB will deliver 10x the data
transfer rate of Hi-Speed USB (up to 5Gbps) as well as improved power efficiency. USB 3.0 utilizes a bi-directional data interface rather than USB 2.0's
half-duplex arrangement where data can only flow in one direction at a time, giving a ten-fold increase in theoretical bandwidth.
Features
3-ft USB 3.0 SuperSpeed Cable
SuperSpeed USB is 10 times faster than Hi-Speed USB, with transfer rates up to 5 Gbps
SuperSpeed USB is a Sync-N-Go technology that minimizes user wait-time
SuperSpeed USB will provide Optimized Power Efficiency...No device polling and lower active and idle power requirements
SuperSpeed USB is backwards compatible with USB 2.0. Devices operate with USB 2.0 platforms. Hosts support USB 2.0 legacy devices
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
Highlights
3-ft SuperSpeed USB 3.0 A-B
Cable
10 times faster than USB 2.0 with
transfer rates up to 5 Gbps
Applications
Ideal for connecting USB 3.0
computers to USB 3.0 enabled
peripherals such as hard drives and
printers.
System Requirements
Computers and peripherals with
USB 3.0 capability
Package Includes
3-ft. USB 3.0 SuperSpeed A-B
Device Cable
1 / 2


Similar Part No. - U322003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U322003BK TRIPPLITE-U322003BK Datasheet
494Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M-M) Black, 3-ft
More results

Similar Description - U322003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U322-003 TRIPPLITE-U322-003 Datasheet
490Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M/M), 3-ft.
U322003BK TRIPPLITE-U322003BK Datasheet
494Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M-M) Black, 3-ft
U322-003-BK TRIPPLITE-U322-003-BK Datasheet
165Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M/M) Black, 3-ft.
U322006 TRIPPLITE-U322006 Datasheet
491Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M-M), 6-ft
U322-010 TRIPPLITE-U322-010 Datasheet
160Kb / 3P
   USB 3.0 SuperSpeed Device Cable (AB M/M), 10-ft.
U322-006 TRIPPLITE-U322-006 Datasheet
160Kb / 3P
   USB 3.0 SuperSpeed Device Cable (AB M/M), 6-ft
U322010 TRIPPLITE-U322010 Datasheet
490Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M-M), 10-ft
U322015 TRIPPLITE-U322015 Datasheet
491Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M-M), 15-ft
U322-015 TRIPPLITE-U322-015 Datasheet
160Kb / 3P
   USB 3.0 SuperSpeed Device Cable (AB M/M), 15-ft.
U322010BK TRIPPLITE-U322010BK Datasheet
493Kb / 2P
   USB 3.0 SuperSpeed Device Cable (AB M-M) Black,10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com