Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2.0EB6 Datasheet(PDF) 2 Page - NEC

Part # RD2.0EB6
Description  500 mW DHD ZENER DIODE DO-35
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.0EB6 Datasheet(HTML) 2 Page - NEC

  RD2.0EB6 Datasheet HTML 1Page - NEC RD2.0EB6 Datasheet HTML 2Page - NEC RD2.0EB6 Datasheet HTML 3Page - NEC RD2.0EB6 Datasheet HTML 4Page - NEC RD2.0EB6 Datasheet HTML 5Page - NEC RD2.0EB6 Datasheet HTML 6Page - NEC RD2.0EB6 Datasheet HTML 7Page - NEC RD2.0EB6 Datasheet HTML 8Page - NEC RD2.0EB6 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RD2.0E to RD200E
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Zener Voltage
Dynamic
Knee Dynamic
Reverse Current
Type
Suffix
VZ (V)Note 1
Impedance
Impedance
IR (
µA)
Number
ZZ (
Ω)Note 2
ZZK (
Ω)Note 2
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR(V)
B
1.88
2.20
RD2.0E
B1
1.88
2.10
20
140
20
2 000
1
120
0.5
B2
2.02
2.20
B
2.12
2.41
RD2.2E
B1
2.12
2.30
20
120
20
2 000
1
120
0.7
B2
2.22
2.41
B
2.33
2.63
RD2.4E
B1
2.33
2.52
20
100
20
2 000
1
120
1.0
B2
2.43
2.63
B
2.54
2.91
RD2.7E
B1
2.54
2.75
20
100
20
1 000
1
100
1.0
B2
2.69
2.91
B
2.85
3.22
RD3.0E
B1
2.85
3.07
20
80
20
1 000
1
50
1.0
B2
3.01
3.22
B
3.16
3.53
RD3.3E
B1
3.16
3.38
20
70
20
1 000
1
20
1.0
B2
3.32
3.53
B
3.47
3.83
RD3.6E
B1
3.47
3.68
20
60
20
1 000
1
10
1.0
B2
3.62
3.83
B
3.77
4.14
RD3.9E
B1
3.77
3.98
20
50
20
1 000
1
5
1.0
B2
3.92
4.14
B
4.05
4.53
RD4.3E
B1
4.05
4.26
20
40
20
1 000
1
5
1.0
B2
4.20
4.40
B3
4.34
4.53
B
4.47
4.91
RD4.7E
B1
4.47
4.65
20
25
20
900
1
5
1.0
B2
4.59
4.77
B3
4.71
4.91
B
4.85
5.35
RD5.1E
B1
4.85
5.03
20
20
20
800
1
5
1.5
B2
4.97
5.18
B3
5.12
5.35
B
5.29
5.88
RD5.6E
B1
5.29
5.52
20
13
20
500
1
5
2.5
B2
5.46
5.70
B3
5.64
5.88
B
5.81
6.40
RD6.2E
B1
5.81
6.06
20
10
20
300
1
5
3.0
B2
5.99
6.24
B3
6.16
6.40
B
6.32
6.97
RD6.8E
B1
6.32
6.59
20
8
20
150
0.5
2
3.5
B2
6.52
6.79
B3
6.70
6.97


Similar Part No. - RD2.0EB6

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD2.0E EIC-RD2.0E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD2.0EAB NEC-RD2.0EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD2.0EAB1 NEC-RD2.0EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD2.0EAB2 NEC-RD2.0EAB2 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD2.0EB6

ManufacturerPart #DatasheetDescription
logo
NEC
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com