Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT3814 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TAT3814
Description  5-300 MHz Variable Gain Return Path Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT3814 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TAT3814_15 Datasheet HTML 1Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT3814_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TAT3814
5-300 MHz Variable Gain Return Path Amplifier
Data Sheet: Rev G 07/16/13
-8 of 9-
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Mechanical Information
Package Marking and Dimensions
Marking: Part number – TAT3814
Year/week/Country Code - YYWW CCCC
Lot Code – AaXXXX
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Except where noted, this part outline conforms to JEDEC standard MO-220, Issue E (Variation VGGC) for thermally
enhanced plastic very thin fine pitch quad flat no lead package (QFN).
3. Dimension and tolerance formats conform to ASME Y14.4M-1994.
4. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
PCB Mounting Pattern
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation.
4. Do not remove or minimize via hole structure in the PCB. Thermal and RF grounding is critical.
5. We recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm
(0.10”).
6. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
TAT3814
YYWW CCCC
AaXXXX


Similar Part No. - TAT3814_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT3814-PCB TRIQUINT-TAT3814-PCB Datasheet
244Kb / 1P
   5-300 MHz Variable Gain Return Path Amplifier
More results

Similar Description - TAT3814_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT3814 TRIQUINT-TAT3814 Datasheet
244Kb / 1P
   5-300 MHz Variable Gain Return Path Amplifier
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
QPB3321 QORVO-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3321 TRIQUINT-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB8896 QORVO-QPB8896 Datasheet
2Mb / 19P
   25 dB Balanced Return Path Amplifier (5 - 700 MHz)
QPB2318 QORVO-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2328 TRIQUINT-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB2328 QORVO-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2318 TRIQUINT-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com