Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2G6003028-FL Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # T2G6003028-FL
Description  30W, 28V DC 6 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G6003028-FL Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button T2G6003028-FL Datasheet HTML 4Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 5Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 6Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 7Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 8Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 9Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 10Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 11Page - TriQuint Semiconductor T2G6003028-FL Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
T2G6003028-FL
30W, 28V DC – 6 GHz, GaN RF Power Transistor
Datasheet: Rev A 12-03-13
- 8 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Evaluation Board Performance
(1, 2)
Performance at 3 dB Compression
Notes:
1. Test Conditions: VDS = 28 V, IDQ = 200 mA
2. Test Signal: Pulse Width = 100 µs, Duty Cycle = 20 %
Application Circuit
Bias-up Procedure
Set gate voltage (VG) to -5.0V
Set drain voltage (VD) to 28 V
Slowly increase VG until quiescent ID is 200 mA.
Apply RF signal
Bias-down Procedure
Turn off RF signal
Turn off VD and wait 1 second to allow drain capacitor
dissipation
Turn off VG


Similar Part No. - T2G6003028-FL

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6003028-FL QORVO-T2G6003028-FL Datasheet
2Mb / 21P
   30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
More results

Similar Description - T2G6003028-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
   10W, 28V DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com