Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2G4003532-FS Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # T2G4003532-FS
Description  30W, 32V DC 3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G4003532-FS Datasheet(HTML) 2 Page - TriQuint Semiconductor

  T2G4003532-FS Datasheet HTML 1Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 2Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 3Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 4Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 5Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 6Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 7Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 8Page - TriQuint Semiconductor T2G4003532-FS Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
T2G4003532-FL
30W, 32V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev - 12-30-13
- 2 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Breakdown Voltage (BVDG)
100 V
Gate Voltage Range (VG)
-7 to 0 V
Drain Current (ID)
4.5 A
Gate Current (IG)
-7.5 to 12 mA
Power Dissipation (PD)
40 W
RF Input Power, CW,
T = 25°C (PIN)
38.75 dBm
Channel Temperature (TCH)
275 °C
Mounting Temperature
(30 Seconds)
320 °C
Storage Temperature
-40 to 150 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Drain Voltage (VD)
32 V (Typ.)
Drain Quiescent Current (IDQ)
150 mA (Typ.)
Peak Drain Current ( ID)
1900 mA (Typ.)
Gate Voltage (VG)
-2.9 V (Typ.)
Channel Temperature (TCH)
225 °C (Max)
Power Dissipation, CW (PD)
28 W (Max)
Power Dissipation, Pulse (PD)
46 W (Max)
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended
operating conditions.
RF Characterization – Load Pull Performance at 3.5 GHz
(1)
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 150 mA
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain
17.7
dB
P3dB
Output Power at 3 dB Gain Compression
31.0
W
DE3dB
Drain Efficiency at 3 dB Gain Compression
59.7
%
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression
57.6
%
G3dB
Gain at 3 dB Compression
14.7
dB
Notes:
1. VDS = 32 V, IDQ = 150 mA; Pulse: 100µs, 20%
RF Characterization – Load Pull Performance at 1.0 GHz
(1)
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 150 mA
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain
21.6
dB
P3dB
Output Power at 3 dB Gain Compression
27.0
W
DE3dB
Drain Efficiency at 3 dB Gain Compression
51.0
%
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression
50.0
%
G3dB
Gain at 3 dB Compression
18.6
dB
Notes:
1. VDS = 32 V, IDQ = 150 mA; Pulse: 100µs, 20%


Similar Part No. - T2G4003532-FS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G4003532-FS TRIQUINT-T2G4003532-FS Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T2G4003532-FS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
TGF3021-SM TRIQUINT-TGF3021-SM_15 Datasheet
2Mb / 33P
   30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com