Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1G6001528-Q3-EVB1 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # T1G6001528-Q3-EVB1
Description  DC 6 GHz 18 W GaN RF Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G6001528-Q3-EVB1 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button T1G6001528-Q3-EVB1 Datasheet HTML 2Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 3Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 4Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 5Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 6Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 7Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 8Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 9Page - TriQuint Semiconductor T1G6001528-Q3-EVB1 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
T1G6001528-Q3
DC – 6 GHz 18 W GaN RF Power Transistor
Preliminary Data Sheet: Rev - A 06/14/2011
-
6 of 15-
Disclaimer: Subject to change without notice
Typical Performance
S-Parameter Smith Chart
S-Parameters
V
DS = 28V, IDQ = 50mA
2
5
10
20
50
j2
-j2
0
j5
-j5
0
j10
-j10
0
j20
-j20
0
j50
-j50
0
S22
S11
6000MHz
100MHz
Small Signal Gain
Maximum Stable Gain of T1G6001528 Q3
V
DS
=28V,I
DQ
=50mA
0
1000
2000
3000
4000
5000
6000
10
15
20
25
30
35
Freq. [MHz]
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®


Similar Part No. - T1G6001528-Q3-EVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
T1G6001528-Q3EVB1 TRIQUINT-T1G6001528-Q3EVB1 Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
More results

Similar Description - T1G6001528-Q3-EVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS_V01 Datasheet
2Mb / 20P
   30 W, 28V DC ??6 GHz, GaN RF Power Transistor
August 2021
T2G6003028-FL QORVO-T2G6003028-FL Datasheet
2Mb / 21P
   30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
   35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
logo
WOLFSPEED, INC.
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
logo
Cree, Inc
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
logo
Cree, Inc
CGHV1F006S CREE-CGHV1F006S Datasheet
5Mb / 22P
   6 W, DC - 18 GHz, 40V, GaN HEMT
logo
TriQuint Semiconductor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com