Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECG001B Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # ECG001B
Description  InGaP HBT Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ECG001B Datasheet(HTML) 2 Page - TriQuint Semiconductor

  ECG001B_15 Datasheet HTML 1Page - TriQuint Semiconductor ECG001B_15 Datasheet HTML 2Page - TriQuint Semiconductor ECG001B_15 Datasheet HTML 3Page - TriQuint Semiconductor ECG001B_15 Datasheet HTML 4Page - TriQuint Semiconductor ECG001B_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc • Phone +1-503-615-9000 • FAX: +1-503-615-8900 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 2 of 5 August 2011
ECG001B
InGaP HBT Gain Block
Typical Device RF Performance
Supply Bias = +5 V, Rbias = 51 Ω
Ω, Icc = 30 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
22.8
22.6
22.4
21.4
21.0
20.7
19.2
16.1
S11
dB
-48
-46
-42
-35
-29
-28
-22
-14
S22
dB
-34
-29
-24
-18
-17
-16
-13
-8
Output P1dB
dBm
+11.6
+11.6
+12.6
+12.6
+12.6
+12.8
+12.2
+11
Output IP3
dBm
+23.6
+23.5
+24.8
+26
+25.6
+25.4
+23
Noise Figure
dB
3.4
3.4
3.4
3.4
3.4
3.4
1. Test conditions: T = 25º C, Supply Voltage = +5 V, Device Voltage = +3.4 V, Rbias = 51 Ω, Icc = 30 mA typical, 50 Ω System.
2. 3OIP measured with two tones at an output power of -1 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gain
14
16
18
20
22
24
0
1
2
3
4
5
6
Frequency (GHz)
Return Loss
-40
-30
-20
-10
0
0
1
2
3
4
5
6
Frequency (GHz)
S11
S22
Icc vs. Vde
0
20
40
60
80
100
3.2
3.3
3.4
3.5
3.6
Vde (V)
OIP3 vs. Frequency
20
22
24
26
28
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25C
-40C
+85C
Noise Figure vs. Frequency
0
1
2
3
4
5
500
1000
1500
2000
2500
3000
Frequency (MHz)
P1dBvs. Frequency
6
8
10
12
14
16
18
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25C
-40C
+85C


Similar Part No. - ECG001B_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG001B-G WJCI-ECG001B-G Datasheet
244Kb / 6P
   InGaP HBT Gain Block
ECG001B-G WJCI-ECG001B-G Datasheet
243Kb / 5P
   InGaP HBT Gain Block
ECG001B-PCB WJCI-ECG001B-PCB Datasheet
244Kb / 6P
   InGaP HBT Gain Block
ECG001B-PCB WJCI-ECG001B-PCB Datasheet
243Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - ECG001B_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com