Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP561-PCB2140 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # AP561-PCB2140
Description  0.7-2.9 GHz 8W HBT Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-PCB2140 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button AP561-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 10Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 11Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 12Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP561-F
0.7-2.9 GHz 8W HBT Power Amplifier
Datasheet: Rev B 09-17-13
-
9 of 17 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Typical Performance – AP561-PCB2350
Test conditions unless otherwise noted: VCC = +12 V, VPD = +5 V, ICQ = 340 mA (typ.), Temp=+25°C
Parameter
Typical Values
Units
Frequency
2300
2350
2400
MHz
Gain
13.6
13.6
13.2
dB
Input Return Loss
21
23
14
dB
Output Return Loss
6.6
7
7
dB
EVM @ 28dBm Output Power
[1]
1.6
1.4
1.1
%
ACLR @ 28dBm Output Power
[2]
-45.8
-47.0
-48.7
dBc
Operating Current, ICC @ 28dBm Output Power
[2]
500
475
465
mA
Collector Efficiency @ 28dBm Output Power
[2]
10.7
11.1
11.5
%
Output P1dB
40.1
39.5
39.0
dBm
Notes:
1. 802.16-2004 O-FDMA, 64QAM-1/2, 1024-FFT, 20 symbols and 30 subchannels.10.2dB PAR @ 0.01%, 3.84 MHz Carrier BW
2. ACLR test set-up: 3GPP WCDMA, TM1+64DPCH, +5MHz Offset, PAR = 10.2 dB @ 0.01% Probability.
Performance Plots – AP561-PCB2350
Test conditions unless otherwise noted: VCC = +12 V, VPD = +5 V, ICQ = 340 mA (typ.), Temp=+25°C
 
8
10
12
14
16
2.30
2.32
2.34
2.36
2.38
2.40
Frequency (GHz)
Gain vs. Frequency
Temp : +25 C
Vpd = 5V
 
-30
-25
-20
-15
-10
-5
0
2.30
2.32
2.34
2.36
2.38
2.40
Frequency (GHz)
Return Loss vs. Frequency
S22
S11
Temp : +25 C
Vpd = 5V
35
36
37
38
39
40
41
2.30
2.32
2.34
2.36
2.38
2.40
Frequency (GHz)
P1dB vs. Frequency
Temp.=+25oC
 
-60
-55
-50
-45
-40
21
22
23
24
25
26
27
28
29
30
Output Power (dBm)
ACLR vs. Frequency
2.3 GHz
2.35 GHz
2.4 GHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2dB @ 0.01% Probability
3.84 MHz BW
Temp.=+25oC
 
0
5
10
15
20
20
22
24
26
28
30
Output Power (dBm)
Efficiency vs. Output Power
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2dB @ 0.01% Probability
3.84 MHz BW
Temp.=+25oC
Frequency : 2.35 GHz
300
350
400
450
500
550
600
20
22
24
26
28
30
Output Power (dBm)
Collector Current vs. Output Power
Frequency : 2.35 GHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2dB @ 0.01% Probability
3.84 MHz BW
 
0.0
0.5
1.0
1.5
2.0
2.5
20
21
22
23
24
25
26
27
28
29
30
Output Power (dBm)
EVM vs. Output Power
2.3GHz
2.35GHz
2.4GHz
802.16-2004 O-FDMA, 64QAM-1/2, 1024-
FFT, 20 symbols and 30 subchannels.
10.2 dB PAR @ 0.01%, 3.84 MHz Carrier BW


Similar Part No. - AP561-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561-PCB2500 TRIQUINT-AP561-PCB2500 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561-PCB2500 TRIQUINT-AP561-PCB2500 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
More results

Similar Description - AP561-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2721-QJ MIMIX-CHV2721-QJ Datasheet
404Kb / 6P
   3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
   DCS-band 8W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com