Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP562 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # AP562
Description  3.3-3.8 GHz WiMAX 8W Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP562 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  AP562_15 Datasheet HTML 1Page - TriQuint Semiconductor AP562_15 Datasheet HTML 2Page - TriQuint Semiconductor AP562_15 Datasheet HTML 3Page - TriQuint Semiconductor AP562_15 Datasheet HTML 4Page - TriQuint Semiconductor AP562_15 Datasheet HTML 5Page - TriQuint Semiconductor AP562_15 Datasheet HTML 6Page - TriQuint Semiconductor AP562_15 Datasheet HTML 7Page - TriQuint Semiconductor AP562_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 7 of 8 May 2009
AP562
3.3-3.8 GHz WiMAX 8W Power Amplifier
Parameter Measurement Information
Switching Speed Test
Test Conditions:
Vcc = +12V at 25oC
Output Power = +30dBm @ 2.5 GHz
Rep Rate = 1 KHz, 50% duty cycle
Vpd amplitude = +5V
R2=200 ohms, C9=12pF
(C10, C11 removed for best switching
performance)
Xtal Detector Voltage =15mV (square law)
Test Result Waveforms:
CW Signal Source
Pulse Generator
Oscilloscope
Diode Detector
AP56x Evaluation Brd
Attenuator
Cable Length = Lx
Cable Length = Lx
+ve
-ve
Cable Length = Lx
Vpd
Vpd = +5V
Vpd = +0V
RF On
Vpd = +5V
Delay = 50nS
RF On
Vpd = +5V
Delay = 50nS
RF Off


Similar Part No. - AP562_15

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AP560 TELEDYNE-AP560 Datasheet
186Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Infineon Technologies A...
AP56004 INFINEON-AP56004 Datasheet
1Mb / 13P
   DAP miniWiggler V3
V1.0 2013-07
logo
Advanced Power Electron...
AP5600N A-POWER-AP5600N Datasheet
110Kb / 6P
   Fast Switching Characteristic
AP5602P A-POWER-AP5602P Datasheet
139Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
More results

Similar Description - AP562_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
TriQuint Semiconductor
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com