Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH315 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # AH315
Description  3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH315 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  AH315_15 Datasheet HTML 1Page - TriQuint Semiconductor AH315_15 Datasheet HTML 2Page - TriQuint Semiconductor AH315_15 Datasheet HTML 3Page - TriQuint Semiconductor AH315_15 Datasheet HTML 4Page - TriQuint Semiconductor AH315_15 Datasheet HTML 5Page - TriQuint Semiconductor AH315_15 Datasheet HTML 6Page - TriQuint Semiconductor AH315_15 Datasheet HTML 7Page - TriQuint Semiconductor AH315_15 Datasheet HTML 8Page - TriQuint Semiconductor AH315_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH315
3.3 – 3.8 GHz WiMAX 2W Driver Amplifier
3.4 – 3.6 GHz Application Circuit (AH315-PCB)
Data Sheet: Rev A 09/02/10
- 4 of 9 -
Disclaimer: Subject to change without notice
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Notes:
1.
C12 to be placed as close as possible to the device.
2.
C11 = 47 pF is critical. Do Not Replace with other value.
3.
Place C19 between marking 3 and 4.
4.
See PC Board Layout on page 8 for more details.
Bill of Material
Ref Des
Value Description
Manufacturer Part Number
U1
WiMax 2W Driver Amplifier
TriQuint
AH315-G
C1, C2, C4, C11, C15,
C16, C17, C18
47 pF
Cap, Chip, 0805, 2%, 50V
various
C3
0.8 Pf
Cap, Chip, 0603, ± 0.05 pF,50V, Accu-P AVX
06035J0R8ABTTR
C5, C6, C7
1000 pF Cap, Chip, 0603, 5%, 50V, NPO-COG
various
C8
4.7 uF
Cap, Chip, 6032, 20%, 35V, TANT
various
C12
0.1 uF
Cap, Chip, 0805, 5%, 25V, X7R
various
L1
18 nH
Ind, Chip, 0603, 5%, mulilayer
TOKO
LL1608-FSL18NJ
R1
68
Res, Chip, 0603, 5%, 1/16W
various
R2
150
Res, Chip, 0603, 5%, 1/16W
various
R3, R4, R5
0
Res, Chip, 0805, 1/10W
various
R6
0
Res, Chip, 0603, 5%, 1/16W
various


Similar Part No. - AH315_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH315-PCB WJCI-AH315-PCB Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
More results

Similar Description - AH315_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
logo
ANADIGICS, Inc
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com