Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH103A-PCB900 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # AH103A-PCB900
Description  High Gain, High Linearity Watt Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH103A-PCB900 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  AH103A-PCB900 Datasheet HTML 1Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 2Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 3Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 4Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 5Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 5 of 6 December 2007
AH103A
High Gain, High Linearity ½-Watt Amplifier
Application Circuit: 2110 – 2170 MHz (AH103AG-PCB2140)
Typical RF Performance at 25°°°°C
Frequency
2140 MHz
Gain
25 dB
Input Return Loss
24 dB
Output Return Loss
11 dB
Output IP3
+45 dBm
Output P1dB
+26.3 dBm
W-CDMA Ch. Power
@ -45 dBc ACPR
+18.5 dBm
Noise Figure
2.9 dB
Supply Voltage
+9 V
Supply Current
275 mA
Notes:
1.
A voltage regulator is used in this circuit (U2) to drop the +9 V to a +5 V usable supply for the first internal amplifier. It is permissible to remove the
regulator and operate the 1
st amplifier stage directly off of +5 V supply onto Test Point 1 (TP1). The use of a +5 V supply on the 1st amplifier stage
requires a dropping resistor of 6.8 Ω. A +4.5 V supply can also be used to bypass the 6.8 Ω and can be applied to Test Point 2 (TP2).
S-Parameters
22
23
24
25
26
27
2050
2100
2150
2200
2250
Frequency (MHz)
-25
-20
-15
-10
-5
0
S21
S11
S22
Wideband S-Parameters
-30
-20
-10
0
10
20
30
0
500
1000 1500 2000 2500 3000
Frequency (MHz)
S21
S11
S22
Noise Figure
0
1
2
3
4
5
2000
2050
2100
2150
2200
Frequency (MHz)
Output IP3
38
40
42
44
46
48
6
8
10
12
14
16
Output Power per tone (dBm)
ACLR vs. Channel Power
3GPP W-CDMA, Test Model 1+64 DPCH, ±5 MHz offset, 2140 MHz
-60
-55
-50
-45
-40
14
15
16
17
18
19
Output Channel Power (dBm)


Similar Part No. - AH103A-PCB900

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH103A-PCB900 WJCI-AH103A-PCB900 Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
More results

Similar Description - AH103A-PCB900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH103A WJCI-AH103A Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
logo
List of Unclassifed Man...
AH1031 ETC-AH1031 Datasheet
202Kb / 6P
   High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH212 WJCI-AH212 Datasheet
656Kb / 12P
   1 Watt High Linearity, High Gain InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH212 ETC1-AH212 Datasheet
370Kb / 5P
   1 Watt High Linearity, High Gain InGaP HBT Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790 Datasheet
1Mb / 30P
   High Linearity High Gain 1/2 Watt RF Driver Amplifier
Revision 2.0, 2014-08-26
logo
Qorvo, Inc
QPA9120 QORVO-QPA9120 Datasheet
1Mb / 12P
   High Gain High Linearity Driver Amplifier
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com