Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH118 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # AH118
Description  Watt, High Linearity InGaP HBT Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH118 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  AH118_15 Datasheet HTML 1Page - TriQuint Semiconductor AH118_15 Datasheet HTML 2Page - TriQuint Semiconductor AH118_15 Datasheet HTML 3Page - TriQuint Semiconductor AH118_15 Datasheet HTML 4Page - TriQuint Semiconductor AH118_15 Datasheet HTML 5Page - TriQuint Semiconductor AH118_15 Datasheet HTML 6Page - TriQuint Semiconductor AH118_15 Datasheet HTML 7Page - TriQuint Semiconductor AH118_15 Datasheet HTML 8Page - TriQuint Semiconductor AH118_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AH118
¼ Watt, High Linearity InGaP HBT Amplifier
Data Sheet: Rev B 02/14/12
- 4 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Reference Design 920-960 MHz (AH118-89PCB900)
C4
L2
R2
L3
C5
D1
C1
C3
C2
U1
Notes:
1. The diode D1 is used as over-voltage protection on the evaluation boards. It is not specifically
required in the final circuit layout in a system using a DC regulator.
2. L2 - the 0 Ω resistor - can be removed (with a thru line) in the final circuit layout.
3. The distance from U1 pin1 pad to the edge of C7 is 120 mil.
4. The distance from U1 pin3 pad to the edge of C9 is 350 mil.
Bill of Material
Ref Des
Value
Description
Manufacturer
Part Number
U1
High Linearity Amplifier
TriQuint
AH118-89G
C1
0.1 μF
Cap, Chip, 1206, 50 V, 10%, X7R
various
C2, C4, C5
56 pF
Cap, Chip, 0603, 50 V, 5%, NPO/COG
various
C3
1000 pF
Cap, Chip, 0805, 50 V, 5%, NPO
various
C7
6.8 pF
Cap, Chip, 0603, 200 V, NPO/COG
various
C9
2.0 pF
Cap, Chip, 0603, 200 V, NPO/COG
various
L1
33 nH
Ind, Chip, 0603, 5%, Ceramic Core
various
L2
0 Ω
Res, Chip, 0603, 5%, 1/16 W
various
L3
2.2 nH
Ind, Chip, 0603, ±0.3 nH, Multilayer
various
R2
0.51 Ω
Res, Chip, 0603, 5%, 1/10 W
various
R1
No Load Part
D1
Zener Diode, SOD-123
ID=C4
C=56 pF
ID=C5
C=56 pF
ID=C9
C=2 pF
DIODE1
ID=C2
C=56 pF
ID=C3
C=1000 pF
ID=C1
C=100000 pF
ID=C7
C=6.8 pF
IND
ID=L1
L=33 nH
ID=L2
R=0 Ohm
ID=L3
L=2.2 nH
NET="AH118"
Vcc = +5 V
5.6 V
ID=R2
R=0.5 Ohm


Similar Part No. - AH118_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH118-89 ETC-AH118-89 Datasheet
176Kb / 6P
   1/4 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118-89 WJCI-AH118-89 Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
273Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH118_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
   0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com