Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2244 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2244
Description  The ST10F27x MCUs provide 0.18關m embedded true Flash technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2244 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2244 Datasheet HTML 1Page - STMicroelectronics AN2244 Datasheet HTML 2Page - STMicroelectronics AN2244 Datasheet HTML 3Page - STMicroelectronics AN2244 Datasheet HTML 4Page - STMicroelectronics AN2244 Datasheet HTML 5Page - STMicroelectronics AN2244 Datasheet HTML 6Page - STMicroelectronics AN2244 Datasheet HTML 7Page - STMicroelectronics AN2244 Datasheet HTML 8Page - STMicroelectronics AN2244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN2244
1 ST10F27x embedded Flash overview
3/17
1
ST10F27x embedded Flash overview
The ST10F27x provides an on-chip high-speed single voltage Flash memory.
The write operations of the ST10F27x Flash banks are managed by an embedded Flash
Program/Erase Controller.
The following table summarizes the main ST10F27x Embedded Flash characteristics:
Depending on the ST10 derivative, the Flash memory will be composed either of 1 module
(IFLASH) or of 2 modules (IFLASH and XFLASH). Each module is divided into several
banks, themselves sub-divided into sectors.
The ST10F276 and ST10F275 embedded Flash is composed of two modules.
The ST10F271, ST10F272 and ST10F273 embedded Flash is composed of one module.
On the IFLASH, the internal data bus is 32 bits wide (I-BUS).
The XFLASH module is mapped on the XBUS and the data bus is 16 bits wide (X-BUS).
The smallest erasable part of Flash is a sector.
ST10F271
ST10F272
ST10F273
ST10F275
ST10F276
Flash Size
(KBytes)
128
256
512
832
832
Flash Organization
Banks / Sectors
1 /6
1 / 8
2 / 12
4 /17
4 /17
Programming
voltage
5 Volts
Programming
method
Write/Erase Controller
Program/Erase
cycles
100 Kcycles, 20 years data retention


Similar Part No. - AN2244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
   This document describes a reference design
More results

Similar Description - AN2244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2143 STMICROELECTRONICS-AN2143 Datasheet
377Kb / 8P
   Programming the ST10F27X embedded Flash
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Microchip Technology
PIC16F87 MICROCHIP-PIC16F87_13 Datasheet
4Mb / 230P
   18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12 2002-2013
PIC16F88-I-P MICROCHIP-PIC16F88-I-P Datasheet
4Mb / 230P
   18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
logo
Shenzhen Luguang Electr...
3400 LUGUANG-3400 Datasheet
1Mb / 6P
   The 3400 uses advanced trench technology to provide excellent RDS(ON)
3400L LUGUANG-3400L Datasheet
1Mb / 6P
   The 3400L uses advanced trench technology to provide excellent RDS(ON)
logo
JIEJIE MICROELECTRONICS...
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com