Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGBC20KD2 Datasheet(PDF) 4 Page - International Rectifier

Part # IRGBC20KD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=6.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC20KD2 Datasheet(HTML) 4 Page - International Rectifier

  IRGBC20KD2 Datasheet HTML 1Page - International Rectifier IRGBC20KD2 Datasheet HTML 2Page - International Rectifier IRGBC20KD2 Datasheet HTML 3Page - International Rectifier IRGBC20KD2 Datasheet HTML 4Page - International Rectifier IRGBC20KD2 Datasheet HTML 5Page - International Rectifier IRGBC20KD2 Datasheet HTML 6Page - International Rectifier IRGBC20KD2 Datasheet HTML 7Page - International Rectifier IRGBC20KD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
C-900
Fig. 5 - Collector-to-Emitter Voltage vs.
Case Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
IRGBC20KD2
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
0
2
4
6
8
1 0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T
, C ase T em perature (°C )
C
V
= 1 5V
G E
1 .0
2 .0
3 .0
4 .0
5 .0
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
T
, C ase Tem perature (°C )
C
V
= 15 V
80 µs P U L S E W ID T H
G E
I
= 1 2A
I
= 6.0A
I
= 3.0 A
C
C
C
0 .0 1
0 .1
1
1 0
0 .0 0 0 0 1
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
1 0
t , R ectangular P ulse D uration (sec)
1
D = 0.50
0 .01
0.0 2
0.0 5
0 .10
0 .2 0
SIN G LE P U LS E
(T H ER M AL R E SP O N SE )
P
t 2
1
t
D M
N o te s :
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGBC20KD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20KD2 IRF-IRGBC20KD2 Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGBC20KD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC30UD2 IRF-IRGPC30UD2 Datasheet
419Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGBC30UD2 IRF-IRGBC30UD2 Datasheet
413Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=20A)
IRGBC20K-S IRF-IRGBC20K-S Datasheet
258Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=6.0A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRGPC40FD2 IRF-IRGPC40FD2 Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=27A)
IRGBC20K IRF-IRGBC20K Datasheet
255Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=6.0A)
IRGBC20MD2-S IRF-IRGBC20MD2-S Datasheet
420Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC30MD2-S IRF-IRGBC30MD2-S Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=16A)
IRGPC30FD2 IRF-IRGPC30FD2 Datasheet
422Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=17A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com