Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG403-86G Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AG403-86G
Description  Lead-free/green/RoHS-compliant SOT-86 package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AG403-86G Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AG403-86G Datasheet HTML 1Page - TriQuint Semiconductor AG403-86G Datasheet HTML 2Page - TriQuint Semiconductor AG403-86G Datasheet HTML 3Page - TriQuint Semiconductor AG403-86G Datasheet HTML 4Page - TriQuint Semiconductor AG403-86G Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 1 of 5 March 2008
AG403-86
InGaP HBT Gain Block
Product Features
DC – 6000 MHz
20.5 dB Gain @ 900 MHz
+18 dBm P1dB @ 900 MHz
+31.5 dBm OIP3 @ 900 MHz
Single Voltage Supply
Internally matched to 50 Ω
Robust 1000V ESD, Class 1C
Lead-free/green/RoHS-compliant
SOT-86 package
Applications
Mobile Infrastructure
CATV / FTTX
WLAN / ISM
RFID
WiMAX / WiBro
Product Description
The AG403-86 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 900 MHz, the AG403-86 typically provides
20.5 dB gain, +31.5 dBm OIP3, and +18 dBm P1dB. The
device combines dependable performance with consistent
quality to maintain MTTF values exceeding 1000 years at
mounting temperatures of +85
°C and is housed in a lead-
free/green/RoHS-compliant SOT-86 (micro-X) industry-
standard SMT package.
The AG403-86 consists of a Darlington-pair amplifier
using the high reliability InGaP/GaAs HBT process
technology and only requires DC-blocking capacitors, a
bias resistor, and an inductive RF choke for operation.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the AG403-86 will work for other various applications
within the DC to 6 GHz frequency range such as CATV
and WiMAX.
Functional Diagram
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
6000
Test Frequency
MHz
900
Gain
dB
20.3
Input Return Loss
dB
19
Output Return Loss
dB
21
Output P1dB
dBm
+17.8
Output IP3
(2)
dBm
+31.4
Output IP2
dBm
+44
Noise Figure
dB
3.0
Test Frequency
MHz
1900
Gain
dB
17.1
18.1
19.1
Output P1dB
dBm
+16.0
Output IP3
(2)
dBm
+28.5
Device Voltage
V
4.91
Device Current
mA
60
1. Test conditions: T = 25 ºC, Supply Voltage = +6 V, Rbias = 18.2 Ω, 50 Ω System.
2. 3OIP measured with two tones at an output power of 0 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Storage Temperature
-55 to +125
°C
DC Voltage
+6.2 V
RF Input Power (continuous)
+10 dBm
Thermal Resistance, Rth
233
°C/W
Junction Temperature
+177
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
21.0
20.3
18.1
17.5
S11
dB
-18
-19
-19
-19
S22
dB
-25
-21
-15
-13
Output P1dB
dBm
+17.8
+17.8
+16.0
+15.2
Output IP3
dBm
+32.6
+31.4
+28.5
+27.7
Noise Figure
dB
3.0
3.0
3.1
3.2
Ordering Information
Part No.
Description
AG403-86G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-86 Package)
AG403-86PCB
700 – 2400 MHz Fully Assembled Eval. Board
Standard tape / reel size = 3000 pieces on a 13” reel
RF Out
RF In
GND
GND
1
2
3
4


Similar Part No. - AG403-86G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG403-86G ETC-AG403-86G Datasheet
329Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG403-86G WJCI-AG403-86G Datasheet
486Kb / 6P
   InGaP HBT Gain Block
AG403-86G WJCI-AG403-86G Datasheet
435Kb / 6P
   InGaP HBT Gain Block
More results

Similar Description - AG403-86G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AG302-86 TRIQUINT-AG302-86_15 Datasheet
250Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG203-86 TRIQUINT-AG203-86_15 Datasheet
249Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG503-86 TRIQUINT-AG503-86_15 Datasheet
208Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG604-86 TRIQUINT-AG604-86_15 Datasheet
201Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG303-86 TRIQUINT-AG303-86_15 Datasheet
234Kb / 5P
   Lead-free/RoHS-compliant SOT- 86 package
AG604-89 TRIQUINT-AG604-89_15 Datasheet
220Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
logo
Qorvo, Inc
AG604-89 QORVO-AG604-89 Datasheet
220Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
AG302-63G QORVO-AG302-63G Datasheet
646Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
logo
TriQuint Semiconductor
AG302-63 TRIQUINT-AG302-63_15 Datasheet
504Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
AG403-89 TRIQUINT-AG403-89_15 Datasheet
218Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com