Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG403-86G Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # AG403-86G
Description  Lead-free/green/RoHS-compliant SOT-86 package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AG403-86G Datasheet(HTML) 3 Page - TriQuint Semiconductor

  AG403-86G Datasheet HTML 1Page - TriQuint Semiconductor AG403-86G Datasheet HTML 2Page - TriQuint Semiconductor AG403-86G Datasheet HTML 3Page - TriQuint Semiconductor AG403-86G Datasheet HTML 4Page - TriQuint Semiconductor AG403-86G Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 3 of 5 March 2008
AG403-86
InGaP HBT Gain Block
Typical Device RF Performance (cont’d)
Supply Bias = +8 V, Rbias = 51 Ω, Icc = 60 mA
Gain vs. Frequency
12
14
16
18
20
22
01
2
3
4
Frequency (GHz)
-40 C
+25 C
+85 C
Output IP3vs. Frequency
15
20
25
30
35
0
0.5
1
1.5
2
2.5
3
3.5
Frequency(GHz)
-40 C
+25 C
+85 C
Output IP2vs. Frequency
30
35
40
45
50
0
200
400
600
800
1000
Frequency(MHz)
-40c
+25c
+85c
P1dBvs. Frequency
0
5
10
15
20
00.511.522.5
3
3.5
4
Frequency (GHz)
-40C
+25C
+85C
Noise Figurevs. Frequency
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40C
+25C
+85C


Similar Part No. - AG403-86G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG403-86G ETC-AG403-86G Datasheet
329Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG403-86G WJCI-AG403-86G Datasheet
486Kb / 6P
   InGaP HBT Gain Block
AG403-86G WJCI-AG403-86G Datasheet
435Kb / 6P
   InGaP HBT Gain Block
More results

Similar Description - AG403-86G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AG302-86 TRIQUINT-AG302-86_15 Datasheet
250Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG203-86 TRIQUINT-AG203-86_15 Datasheet
249Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG503-86 TRIQUINT-AG503-86_15 Datasheet
208Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG604-86 TRIQUINT-AG604-86_15 Datasheet
201Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG303-86 TRIQUINT-AG303-86_15 Datasheet
234Kb / 5P
   Lead-free/RoHS-compliant SOT- 86 package
AG604-89 TRIQUINT-AG604-89_15 Datasheet
220Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
logo
Qorvo, Inc
AG604-89 QORVO-AG604-89 Datasheet
220Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
AG302-63G QORVO-AG302-63G Datasheet
646Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
logo
TriQuint Semiconductor
AG302-63 TRIQUINT-AG302-63_15 Datasheet
504Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
AG403-89 TRIQUINT-AG403-89_15 Datasheet
218Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com